Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7250GVIO Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE7250GVIO Datasheet HTML 3Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 10Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TLE7250GVIO
Functional Description
Data Sheet
7
Rev. 1.0, 2012-03-14
The TLE7250GVIO is a High Speed CAN transceiver, operating as an interface between the CAN controller and
the physical bus medium. A HS CAN network is a two-wire, differential network, which allows data transmission
rates up to 1 Mbps. The characteristics of a HS CAN network are the two signal states on the CAN bus: “dominant”
and “recessive” (see Figure 3).
The CANH and CANL pins are the interface to the CAN bus and both pins operate as an input and output. The
RxD and TxD pins are the interface to the microcontroller. The TxD pin is the serial data input from the CAN
controller, and the RxD pin is the serial data output to the CAN controller. As shown in Figure 1, the HS CAN
transceiver TLE7250GVIO includes a receiver and a transmitter unit, allowing the transceiver to send data to the
bus medium and monitor the data from the bus medium at the same time. The HS CAN transceiver TLE7250GVIO
converts the serial data stream available on the transmit data input TxD, into a differential output signal on the
CAN bus, provided by the CANH and CANL pins. The receiver stage of the TLE7250GVIO monitors the data on
the CAN bus and converts them to a serial, single-ended signal on the RxD output pin. A logical “low” signal on
the TxD pin creates a “dominant” signal on the CAN bus, followed by a logical “low” signal on the RxD pin (see
Figure 3). The feature of broadcasting data to the CAN bus and listening to the data traffic on the CAN bus
simultaneously is essential to support the bit-to-bit arbitration within CAN networks.
The voltage levels for HS CAN transceivers are defined by the ISO 11898-2 and the ISO 11898-5 standards.
Whether a data bit is “dominant” or “recessive” depends on the voltage difference between the CANH and CANL
pins:
V
DIFF = VCANH - VCANL.
In comparison with other differential network protocols, the differential signal on a CAN network can only be larger
than or equal to 0 V. To transmit a “dominant” signal to the CAN bus, the differential signal
V
DIFF is larger than or
equal to 1.5 V. To receive a “recessive” signal from the CAN bus, the differential
V
DIFF is smaller than or equal to
0.5 V.
“Partially-supplied” High Speed CAN networks are those where the CAN bus nodes of one common network have
different power supply conditions. Some nodes are connected to the common power supply, while other nodes
are disconnected from the power supply and in power-down state. Regardless of whether the CAN bus subscriber
is supplied or not, each subscriber connected to the common bus media must not interfere with the
communication. The TLE7250GVIO is designed to support “partially-supplied” networks. In the power-down state,
the receiver input resistors are switched off and the transceiver input has a high resistance.
The voltage level at the digital input TxD and the digital output RxD is determined by the power supply level at the
V
IO pin. Depending on the voltage level at the VIO pin, the signal levels on the logic pins (NEN, TxD and RxD) are
compatible with microcontrollers having 5 V or 3.3 V I/O supply. Usually, the
V
IO power supply of the transceiver
is connected to same power supply as the I/O power supply of the microcontroller.


Similar Part No. - TLE7250GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

Similar Description - TLE7250GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com