Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7250GVIO Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7250GVIO
Description  High Speed CAN Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250GVIO Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7250GVIO Datasheet HTML 1Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 2Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 3Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 4Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 5Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 6Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 7Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 8Page - Infineon Technologies AG TLE7250GVIO Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
PG-DSO-8
Type
Package
Marking
TLE7250GVIO
PG-DSO-8
7250GVIO
Data Sheet
3
Rev. 1.0, 2012-03-14
High Speed CAN Transceiver
TLE7250GVIO
1Overview
Features
Fully compliant with ISO 11898-2
Wide common mode range for electromagnetic immunity (EMI)
Very low electromagnetic emission (EME)
Excellent ESD immunity
Suitable for 5V and 3.3V microcontroller I/O voltages
CAN short-circuit proof to ground, battery and VCC
TxD time-out function
Low CAN bus leakage current in power-down state
Overtemperature protection
Protected against automotive transients
CAN data transmission rate up to 1 Mbps
V
IO input for voltage adaptation to the micro controller supply
Green Product (RoHS-compliant)
AEC Qualified
Description
The TLE7250GVIO is a transceiver designed for CAN networks in automotive and industrial applications. As an
interface between the physical bus layer and the CAN protocol controller, the TLE7250GVIO drives the signals to
the bus and protects the microcontroller against interferences generated within the network. Based on the high
symmetry of the CANH and CANL signals, the TLE7250GVIO provides a very low level of electromagnetic
emission (EME) within a wide frequency range. The TLE7250GVIO is integrated in a RoHS-compliant PG-DSO-8
package and fulfills or exceeds the requirements of ISO11898-2.
As a successor to the first generation of HS CAN transceivers, the pin assignment and function of the
TLE7250GVIO is fully compatible with its predecessor model, the TLE6250GV33. The TLE7250GVIO is optimized
to provide an excellent passive behavior in the power-down state. This feature makes the TLE7250GVIO
extremely suitable for mixed supply CAN networks.
Based on the Infineon Smart Power Technology SPT, the TLE7250GVIO provides excellent ESD immunity
together with a very high electromagnetic immunity (EMI). The Infineon Smart Power Technology SPT allows
bipolar and CMOS control circuitry in accordance with DMOS power devices to exist on the same monolithic
circuit. The TLE7250GVIO and the Infineon SPT technology are AEC qualified and tailored to withstand the harsh
conditions of the Automotive Environment.
Two different operating modes, additional fail-safe features like TxD time-out and the optimized output slew rates
on the CANH and CANL signals make the TLE7250GVIO the ideal choice for large CAN networks with high data
transmission rates.


Similar Part No. - TLE7250GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

Similar Description - TLE7250GVIO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com