Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16117F Datasheet(PDF) 7 Page - Hitachi Metals, Ltd

Part # HA16117F
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HA16117F Datasheet(HTML) 7 Page - Hitachi Metals, Ltd

Back Button HA16117F Datasheet HTML 3Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 4Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 5Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 6Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 7Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 8Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 9Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 10Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 11Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
HA16117F Series
7
Internal Operation and Usage Notes
Figure 3 shows an equivalent circuit of the watchdog timer block with a V
CC pin level of 5 V and ACC pin
level of 0 V, and the following pages show internal operation timing charts for different P-RUN
frequencies. (Descriptions apply to conditions C
F = 0.01 µF, CR = 0.1 µF, R2/(R1 + R2) = 0.6.)
Operation
The power-on and auto-reset circuit is a multivibrator with timing controlled by C
R charge current I 1 and
discharge current I
2.
As I
1 : I2 ≈ 3 : 1 (Typ design value), when the (WD) (watchdog filter circuit output)
on-duty is 25% or above, the C
R pin potential does not fall below 1.6 V. Therefore, (C) in the figure below
is fixed low, and
RES is not output. The (WD) on-duty varies according to the P-RUN frequency. If the
frequency is lower or higher than the design value, the (WD) on-duty decreases, and at 25% or below,
RES
is output. Refer to the timing charts on the following pages for an explanation of the operation of the
watchdog filter.
Usage Notes
• When the P-RUN frequency reaches 20 kHz or above, t
OFF is short (see the timing charts on the
following pages). This must be borne in mind in the design stage.
• If the P-RUN frequency fluctuates, RES may also be output within the normal detection set frequency
(see the timing charts on the following pages).
• Detection frequencies f
H and fL described in the Data Book are Typ values, and a certain amount of
dispersion can be expected. A margin of
±30% or more should be allowed for in the design.
+
+
+
A
Iw
0.8
µ
typ
CF
0.01
µ
0.1
µ
P-RUN
1/2
frequency divider
0.9 V
3.6 V
WD
B
C
I 2
10.7
µ
typ
I1
8
µ typ
Q
D
φ
Q
3.2 V
1.6 V
Low voltage detection block
Power-on and auto-reset circuit
Watchdog filter circuit
CR
VCC (5 V)
RES
Q
Q
Figure 3 Watchdog Timer Evaliation Circuit


Similar Part No. - HA16117F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117FA HITACHI-HA16117FA Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16117FB HITACHI-HA16117FB Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16117FC HITACHI-HA16117FC Datasheet
249Kb / 31P
   CMOS Watchdog Timer
More results

Similar Description - HA16117F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com