Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16117F Datasheet(PDF) 6 Page - Hitachi Metals, Ltd

Part # HA16117F
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HA16117F Datasheet(HTML) 6 Page - Hitachi Metals, Ltd

Back Button HA16117F Datasheet HTML 2Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 3Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 4Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 5Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 6Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 7Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 8Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 9Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 10Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
HA16117F Series
6
Timing Waveforms and Functional Description
VTL
VCC
P-RUN
t ON
t OFF
t RH
t ON
t RL
t ON
t ON
Crash
Watchdog function on
RES
(VACC = "Low")
Watchdog function off
RES
(VACC = "High")
Figure 1 Timing Waveforms
Watchdog On/Off Function
A feature of the HA16117F is that watchdog supervision can be switched on and off. When the watchdog
function is switched on, both the supply voltage and
P-RUN input are monitored to detect abnormal conditions. When the watchdog function is switched off
(standby mode), only the supply voltage is monitored. Watchdog supervision is switched on and off by the
input at the ACC pin (pin 7): Supervision is on when ACC is low, and off when ACC is high.
Many MPUs have a standby mode in which the CPU stops running but memory contents are retained. In
standby mode, program execution halts and I/O ports go to the high-impedance state, so there is no need for
the watchdog timer to supervise pulse output from an I/O port to detect abnormal conditions. Power can be
saved by placing both the MPU and HA16117F in standby mode at the same time. The HA16117F is
designed to draw a typical standby current I
STBY of only 43 µA Typ when the watchdog function is switched
off.
ACC Pin (pin 7) and
RES Output
When the MPU returns from standby mode to normal operation it generally takes 10 to 200 ms for the
clock oscillator in the MPU to stabilize. The
RES signal is not output during this setup time. After the
setup time (t
SL) has elapsed, RES is output if the P-RUN signal from the MPU is still abnormal.
t SL
t SH
Adjust according to
MPU’s setup time
RES (due to MPU crash)
ACC pin
Figure 2 ACC Pin and
RES Output


Similar Part No. - HA16117F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117FA HITACHI-HA16117FA Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16117FB HITACHI-HA16117FB Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16117FC HITACHI-HA16117FC Datasheet
249Kb / 31P
   CMOS Watchdog Timer
More results

Similar Description - HA16117F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com