Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16117F Datasheet(PDF) 16 Page - Hitachi Metals, Ltd

Part # HA16117F
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HA16117F Datasheet(HTML) 16 Page - Hitachi Metals, Ltd

Back Button HA16117F Datasheet HTML 12Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 13Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 14Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 15Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 16Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 17Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 18Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 19Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 20Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
HA16117F Series
16
Setting of
RES Timing and Watchdog Frequency Range
Different MPUs have different
RES timing requirements. The minimum reset time (t
ON) required at power-
on (rise of V
CC) is 20 ms for some MPUs and 100 ms for others.
RES timing waveform parameters must be selected according to the MPU. With the HA16117F the timing
of the
RES output and the watchdog frequency range can both be set by external constants (C
F, CR, and K).
Parameters
Item
Symbol
CR (pin 4)
CF (pin 3)
K (pin 8) *
1
Power-on reset time
t
ON
q
Reset-clock off time
t
OFF
qv *
2
q
Reset low time
t
RL
q
Reset high time
t
RH
qq
Watchdog frequency high
f
H
qq
Watchdog frequency low
f
L
qqq
Notes: 1. K = R
2 / (R1 + R2)
2. Variability of t
OFF increases with increasing CF.
The variability
∆t
OFF is approximately
3.3 (M
Ω) × C
F (µF), so CF ≤ 0.01 ( µF) is recommended.
3. External constants should be selected with reference to the formulas in tables 1 and 2.
Table 1
Calculation of
RES Output Timing
Item
Formula
Notes
t
ON (ms)
400 (
Ω) × C
R (µF)
t
ON and t OFF can be set independently
t
OFF (ms)
1.99
× t
RH (ms)
t
RL (ms)
0.5
× t
ON (ms)
t
RL and tRH can be set independently
t
RH (ms)
1.6 (V)
K
× 31 (µA) − 15.8 (µA)
× C
R (µF) × 10
3
t
SL (ms)
≈ t
OFF (ms)
Table 2
Calculation of Watchdog Frequency Range
Item
Formula
f
H (MHz)
1
500 (
Ω) × C
F (µF)
t
RH (ms) − tRL (ms)
t
RH (ms) + tRL (ms)
×
f
L (Hz)
1
1.7 (M
Ω) × C
F (µF)
t
RL (ms)
t
RH (ms) + tRL (ms)
1
t
OFF (ms)
×× 103
or
Whichever is larger


Similar Part No. - HA16117F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117FA HITACHI-HA16117FA Datasheet
249Kb / 31P
CMOS Watchdog Timer
HA16117FB HITACHI-HA16117FB Datasheet
249Kb / 31P
CMOS Watchdog Timer
HA16117FC HITACHI-HA16117FC Datasheet
249Kb / 31P
CMOS Watchdog Timer
More results

Similar Description - HA16117F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com