Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA16117F Datasheet(PDF) 13 Page - Hitachi Metals, Ltd

Part # HA16117F
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HA16117F Datasheet(HTML) 13 Page - Hitachi Metals, Ltd

Back Button HA16117F Datasheet HTML 9Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 10Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 11Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 12Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 13Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 14Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 15Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 16Page - Hitachi Metals, Ltd HA16117F Datasheet HTML 17Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
HA16117F Series
13
6. When P-RUN frequency fluctuates (1)
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
0 V
1.6 V
3.2 V
5 V
0 V
0.9 V
3.6 V
5 V
P-RUN
28 ms
Q
A
CF
WD
CR
B
C
20 ms
2 ms
If there is a double-pulse in P-RUN, the WD filter duty will be decreased and RES will be
output, as shown in the figure below, for example. In this case, the condition for non-output of
the RES signal is a value of 3 or less for the ratio of P-RUN pulse interval minimum value to
maximum value (when fP-RUN ≤ 20 kHz). This is because the CR pin charge/discharge current
ratio is 3.
RES
Q


Similar Part No. - HA16117F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117FA HITACHI-HA16117FA Datasheet
249Kb / 31P
CMOS Watchdog Timer
HA16117FB HITACHI-HA16117FB Datasheet
249Kb / 31P
CMOS Watchdog Timer
HA16117FC HITACHI-HA16117FC Datasheet
249Kb / 31P
CMOS Watchdog Timer
More results

Similar Description - HA16117F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com