Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

770-001S107 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 770-001S107
Description  Environmental Shrink Boots
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

770-001S107 Datasheet(HTML) 1 Page - Glenair, Inc.

  770-001S107 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
43
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
environmental Shrink Boots
Environmental Shrink Boots: Overview and materials selection
Material Selection Guide
Attribute
Type 1
High Performance
Semi-Rigid
elastomer
Type 2
Zero Halogen
Semi-Rigid
Polyolefin
Type 3
Flexible Polyolefin
Continuous Operating Temp.
-75
° to +150°C
-30
° to +125°C
-55° to +135°
Resistance to Fuels, Oils
Excellent
Very Good
Good
Low Toxicity, Zero Halogen
No
Yes
No
Protect Your Guardian Assembly with heat-shrinkable boots. These easy-to-use boots provide
excellent electrical, mechanical and environmental protection. Heating the boot causes the boot
to shrink onto the conduit fitting or transition. These
lipped boots attach directly to all Guardian fittings.
After shrinking, the boot lip locks into groove. Standard
Guardian system boots are Type 1 High Performance
Elastomer for extreme temperature range performance,
and excellent resistance to fuels and oils. The standard
Guardian boot also includes an eylet for attachment of
dust caps or protective covers. Part numbers are shown
in the table at right. Other boot materials, adhesives and
options are shown in the following pages.
type 1 High Performance Elastomer
Semi-rigid high performance boots combine excellent resistance to fuels, oils and solvents with
superior performance at extreme temperatures. Rated for 3000 hours continuous operation at
+150° C, these boots fit directly to Guardian fittings and adapters for superior environmental
protection and strain-relief. Material meets the requirements of VG95343 Part 6, BSG 198-5-
DE, EN62329-102 and SAE AS5258 Type H. These boots are recommended for demanding
applications such as military vehicles and petrochemical exploration. Black color.
type 2 Zero Halogen
Halogen-free polyolefin boots meet low smoke and toxicity requirements of shipboard, transit
and aircraft systems. These Low Smoke/Zero Halogen (LSZH) boots fit directly on all Guardian
system adapters and fittings. Oxygen index greater than 30%, smoke index less than 20,
and toxicity index under 3 per 100 grams. Material meets requirements of NAVSEA 5617649,
VG95343 Part 29, BSG 198-5-DF, EN62329-101 and SAE AS5258 Type G. Good resistance to oils,
fuels and solvents. These boots provide strain relief and environmental protection to connector/
conduit transitions. Temperature rating -30° to +125° C. Black color.
type 3 Flexible Polyolefin
Economical flexible polyolefin boots fit directly on all Guardian system adapters and fittings.
These self-extinguishing boots meet the requirements of SAE AS81765/1 Type II. Good
resistance to oils and fuels. Available with optional hot melt adhesive lining, these boots provide
strain relief and environmental protection to connector/cable transitions. Temperature rating
-55° to +135° C. Black color.
HEATSHRINK
BOOT
BOOT LIP
CONNECTOR
LIPPED BOOT
Standard Guardian Boots
Boot
Size
Part
Number
Ref
Conduit
i.D. / Size
03
770-001S103
06,09
04
770-001S104
12,16
05
770-001S105
20
06
770-001S106
24
07
770-001S107
28,32,40


Similar Part No. - 770-001S107

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
770-001 GLENAIR-770-001 Datasheet
238Kb / 3P
Shrink Boot
More results

Similar Description - 770-001S107

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380MS137M0501-5N GLENAIR-380MS137M0501-5N Datasheet
389Kb / 2P
Backshells, Boots and Clamps
370MS038C0501-5N GLENAIR-370MS038C0501-5N Datasheet
389Kb / 2P
Backshells, Boots and Clamps
390MS077M0501-5N GLENAIR-390MS077M0501-5N Datasheet
403Kb / 2P
Backshells, Boots and Clamps
340MS026CG05-401-6 GLENAIR-340MS026CG05-401-6 Datasheet
417Kb / 2P
Backshells, Boots and Clamps
809S060 GLENAIR-809S060 Datasheet
418Kb / 4P
Series 811 Mighty Mouse High Density (HD) Shrink Boots 809S060 and 809A060
logo
Tyco Electronics
T14-23FR MACOM-T14-23FR Datasheet
48Kb / 1P
CABLE BREAKOUT BOOTS, THREE ENTRY
logo
List of Unclassifed Man...
11328 ETC2-11328 Datasheet
94Kb / 2P
PVC Insulation Boots
NC3030 ETC2-NC3030 Datasheet
130Kb / 1P
Circuit Breaker Boots Full Pushbutton Boots
logo
Extech Instruments Corp...
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
Environmental Meter
logo
Glenair, Inc.
770-030 GLENAIR-770-030 Datasheet
297Kb / 2P
Elliptical D-subminiature heatshrink boots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com