Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

712-877 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712-877
Description  Composite Junction Box Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712-877 Datasheet(HTML) 2 Page - Glenair, Inc.

  712-877 Datasheet HTML 1Page - Glenair, Inc. 712-877 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Symbol W
90°
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
53
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
712-877
Composite Junction Box Adapter
table i
entry
Size
A
max
Conduit i.D.
Shrink
Boot Ref
Min
Max
06
.53 (13.5)
.16
(4.1)
.19 (4.8)
770-001S103
09
.63 (16.0)
.24 (6.1)
.28
(7.1)
770-001S103
12
.73 (18.5)
.33 (8.4)
.37 (9.4)
770-001S104
16
.86 (21.8)
.45 (11.4)
.50 (12.7)
770-001S104
20
.98 (24.9)
.57 (14.5)
.62 (15.7)
770-001S105
24
1.15 (29.2)
.69 (17.5)
.75 (19.1)
770-001S106
28
1.27 (32.3)
.81
(2.6)
.87 (22.1)
770-001S107
32
1.40 (35.6)
.93 (23.6)
1.00 (25.4)
770-001S107
table ii
Dash No
B Deg
1
0
2
30
3
45
4
60
5
90
6
120
7
135
8
150
9
180
10
210
11
225
12
240
13
270
14
300
15
315
16
330
Symbol T
45°
Master Keyway
Clocking
45°
Master Keyway
Clocking
90°
.625 DIA
.625 DIA
1.61
mAx
1.208
mAx
.833
mAx
ACCOmODATES
600-052-1 BAND - TyP
mASTEr kEywAy
(LArGE SLOT
.165 wIDE)
mASTEr kEywAy
(LArGE SLOT
.165 wIDE)
SHrINk SLEEvE Or
BOOT GrOOvE - TyP
.694
1.39 mAx
O-rING TyP
B
B
table iii
Symbol Finish Description
XM
Electroless Nickel
XW
Cad/Olive Drab over Electroless Nickel
XB
Black color/Unplated


Similar Part No. - 712-877

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
712-87-102-41-001101 PREDIP-712-87-102-41-001101 Datasheet
23Kb / 3P
   Single row 2.54 mm, Carrier
More results

Similar Description - 712-877

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
140-060 GLENAIR-140-060 Datasheet
341Kb / 4P
   10 Terminal Grounded Composite Junction Box
710-320XM GLENAIR-710-320XM Datasheet
39Kb / 1P
   Composite Split Junction Fitting
710-320XM03 GLENAIR-710-320XM03 Datasheet
231Kb / 1P
   Composite Split Junction Fitting
710-321XM03 GLENAIR-710-321XM03 Datasheet
227Kb / 1P
   Composite Split Junction Fitting
710-319XM03 GLENAIR-710-319XM03 Datasheet
233Kb / 1P
   Composite Split Junction Fitting
190-01510SL-5 GLENAIR-190-01510SL-5 Datasheet
453Kb / 2P
   Composite Jam Nut Receptacle, Composite Box Mount Receptacle
710-321XM GLENAIR-710-321XM Datasheet
36Kb / 1P
   Composite Split Junction Fitting
710-318XM03 GLENAIR-710-318XM03 Datasheet
227Kb / 1P
   Composite Split Junction Fitting
712HS416XO GLENAIR-712HS416XO Datasheet
202Kb / 1P
   Composite Straight Backshell Adapter
377-041 GLENAIR-377-041 Datasheet
306Kb / 2P
   Composite FiberCon Conduit Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com