Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUZ104 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BUZ104
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ104 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BUZ104 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ104 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 104
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
• d
v/dt rated
• Low on-resistance
• 175°C operating temperature
• also in TO-220 SMD available
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 104
50 V
17.5 A
0.1
TO-220 AB
C67078-S1353-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 29 °C
ID
17.5
A
Pulsed drain current
TC = 25 °C
IDpuls
70
Avalanche energy, single pulse
ID = 17.5 A, VDD = 25 V, RGS = 25 Ω
L = 114 µH, Tj = 25 °C
EAS
35
mJ
Reverse diode d
v/dt
IS = 17.5 A, VDS = 40 V, diF/dt = 200 A/µs
Tjmax = 175 °C
d
v/dt
6
kV/µs
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
60
W
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
Thermal resistance, chip case
RthJC
≤ 2.5
K/W
Thermal resistance, chip to ambient
RthJA
≤ 75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 175 / 56


Similar Part No. - BUZ104

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ104 ISC-BUZ104 Datasheet
65Kb / 2P
Ultra low on-resistance
logo
Siemens Semiconductor G...
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL SIEMENS-BUZ104SL Datasheet
126Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Logic Level Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ104SL-4 SIEMENS-BUZ104SL-4 Datasheet
90Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results

Similar Description - BUZ104

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ101 SIEMENS-BUZ101 Datasheet
185Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ103 SIEMENS-BUZ103 Datasheet
186Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Low on-resistance)
BUZ342 SIEMENS-BUZ342 Datasheet
214Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated Ultra low on-resistance)
BUZ104L SIEMENS-BUZ104L Datasheet
209Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated Low on-resistance)
BUZ102 SIEMENS-BUZ102 Datasheet
183Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ100 SIEMENS-BUZ100 Datasheet
185Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ101S SIEMENS-BUZ101S Datasheet
69Kb / 8P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated d v/d t rated)
BUZ103AL SIEMENS-BUZ103AL Datasheet
185Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ102AL SIEMENS-BUZ102AL Datasheet
182Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated Logic Level d v/d t rated)
BUZ101SL-4 SIEMENS-BUZ101SL-4 Datasheet
90Kb / 8P
SIPMOS Power Transistor (Quad-channel Enhancement mode Logic level Avalanche-rated d v/d t rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com