Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS133 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS133
Description  Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS133 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS133 Datasheet HTML 1Page - Siemens Semiconductor Group BTS133 Datasheet HTML 2Page - Siemens Semiconductor Group BTS133 Datasheet HTML 3Page - Siemens Semiconductor Group BTS133 Datasheet HTML 4Page - Siemens Semiconductor Group BTS133 Datasheet HTML 5Page - Siemens Semiconductor Group BTS133 Datasheet HTML 6Page - Siemens Semiconductor Group BTS133 Datasheet HTML 7Page - Siemens Semiconductor Group BTS133 Datasheet HTML 8Page - Siemens Semiconductor Group BTS133 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
13.07.1998
Semiconductor Group
Page 4
BTS 133
Electrical Characteristics
Parameter
Symbol
Values
Unit
at Tj=25°C, unless otherwise specified
min.
typ.
max.
Characteristics
Initial peak short circuit current limit
VIN = 10 V, VDS = 12 V
ID(SCp)
-
65
-
A
Current limit 1)
VIN = 10 V, VDS = 12 V, tm = 350 µs,
Tj = -40...+150 °C
ID(lim)
21
28
40
Dynamic Characteristics
µs
ton
Turn-on time
VIN to 90% ID:
RL = 2,2 Ω, VIN = 0 to 10 V, Vbb = 12 V
40
100
--
Turn-off time
VIN to 10% ID:
RL = 2,2 Ω, VIN = 10 to 0 V, Vbb = 12 V
--
toff
70
170
V/µs
Slew rate on
70 to 50%
Vbb:
RL = 2,2 Ω, VIN = 0 to 10 V, Vbb = 12 V
-dVDS/dton
3
1
--
Slew rate off
50 to 70%
Vbb:
RL = 2,2 Ω, VIN = 10 to 0 V, Vbb = 12 V
1
3
dVDS/dtoff
--
Protection Functions
Tjt
°C
Thermal overload trip temperature
165
-
150
EAS
Unclamped single pulse inductive energy
ID = 7 A, Tj = 25 °C, Vbb = 32 V
ID = 7 A, Tj = 150 °C, Vbb = 32 V
-
-
-
-
2000
450
mJ
Inverse Diode
VSD
Inverse diode forward voltage
IF = 5*7A, tm = 300 µs, VIN = 0 V
1.08
-
-
V
1Device switched on into existing short circuit (see diagram Determination of I D(lim). Dependant on the application, these values
might be exceeded for max. 50 µs in case of short circuit occurs while the device is on condition


Similar Part No. - BTS133

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS133 INFINEON-BTS133 Datasheet
197Kb / 9P
   Smart Lowside Power Switch
19.05.2000
BTS133E3045A INFINEON-BTS133E3045A Datasheet
288Kb / 10P
   Smart Low Side Power Switch
Rev. 1.3, 2008-12-10
BTS133TC INFINEON-BTS133TC Datasheet
279Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BTS133 INFINEON-BTS133_12 Datasheet
223Kb / 11P
   Smart Low Side Power Switch
Rev. 1.4, 2012-07-11
More results

Similar Description - BTS133

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS941 SIEMENS-BTS941 Datasheet
193Kb / 11P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS933 SIEMENS-BTS933 Datasheet
194Kb / 11P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS117 SIEMENS-BTS117 Datasheet
138Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BSP75 SIEMENS-BSP75 Datasheet
55Kb / 9P
   Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP75A SIEMENS-BSP75A Datasheet
55Kb / 9P
   Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com