Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS133 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BTS133
Description  Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS133 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BTS133 Datasheet HTML 1Page - Siemens Semiconductor Group BTS133 Datasheet HTML 2Page - Siemens Semiconductor Group BTS133 Datasheet HTML 3Page - Siemens Semiconductor Group BTS133 Datasheet HTML 4Page - Siemens Semiconductor Group BTS133 Datasheet HTML 5Page - Siemens Semiconductor Group BTS133 Datasheet HTML 6Page - Siemens Semiconductor Group BTS133 Datasheet HTML 7Page - Siemens Semiconductor Group BTS133 Datasheet HTML 8Page - Siemens Semiconductor Group BTS133 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
13.07.1998
Semiconductor Group
Page 3
BTS 133
Electrical Characteristics
Parameter
Symbol
Unit
Values
max.
typ.
min.
at Tj=25°C, unless otherwise specified
Characteristics
-
Drain source clamp voltage
Tj = - 40 ...+ 150°C, ID = 10 mA
73
V
VDS(AZ)
60
-
IDSS
-
Off state drain current
VDS = 32 V, Tj = -40...+150 °C, VIN = 0 V
10
µA
1.7
2.2
VIN(th)
1.3
Input threshold voltage
ID = 1,4 mA
V
30
55
µA
IIN(1)
-
Input current - normal operation,
ID<ID(lim):
VIN = 10 V
150
Input current - current limitation mode,
ID=ID(lim):
VIN = 10 V
350
IIN(2)
60
2500
IIN(3)
1000
Input current - after thermal shutdown,
ID=0 A:
VIN = 10 V
4000
-
-
-
-
IIN(H)
500
300
Input holding current after thermal shutdown
Tj = 25 °C
Tj = 150 °C
50
90
60
120
m
RDS(on)
-
-
On-state resistance
ID = 7 A, VIN = 5 V, Tj = 25 °C
ID = 7 A, VIN = 5 V, Tj = 150 °C
40
75
On-state resistance
ID = 7 A, VIN = 10 V, Tj = 25 °C
ID = 7 A, VIN = 10 V, Tj = 150 °C
50
100
RDS(on)
-
-
-
ID(ISO)
7
Nominal load current (ISO 10483)
VIN = 10 V, VDS = 0.5 V, TC = 85 °C
-
A


Similar Part No. - BTS133

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS133 INFINEON-BTS133 Datasheet
197Kb / 9P
Smart Lowside Power Switch
19.05.2000
BTS133E3045A INFINEON-BTS133E3045A Datasheet
288Kb / 10P
Smart Low Side Power Switch
Rev. 1.3, 2008-12-10
BTS133TC INFINEON-BTS133TC Datasheet
279Kb / 11P
Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BTS133 INFINEON-BTS133_12 Datasheet
223Kb / 11P
Smart Low Side Power Switch
Rev. 1.4, 2012-07-11
More results

Similar Description - BTS133

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP75 SIEMENS-BSP75 Datasheet
55Kb / 9P
Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP75A SIEMENS-BSP75A Datasheet
55Kb / 9P
Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
BTS117 SIEMENS-BTS117 Datasheet
138Kb / 10P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS933 SIEMENS-BTS933 Datasheet
194Kb / 11P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS941 SIEMENS-BTS941 Datasheet
193Kb / 11P
Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com