Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS133 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BTS133
Description  Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS133 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BTS133 Datasheet HTML 1Page - Siemens Semiconductor Group BTS133 Datasheet HTML 2Page - Siemens Semiconductor Group BTS133 Datasheet HTML 3Page - Siemens Semiconductor Group BTS133 Datasheet HTML 4Page - Siemens Semiconductor Group BTS133 Datasheet HTML 5Page - Siemens Semiconductor Group BTS133 Datasheet HTML 6Page - Siemens Semiconductor Group BTS133 Datasheet HTML 7Page - Siemens Semiconductor Group BTS133 Datasheet HTML 8Page - Siemens Semiconductor Group BTS133 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
13.07.1998
Semiconductor Group
Page 2
BTS 133
Maximum Ratings at Tj = 25 °C unless otherwise specified
Parameter
Symbol
Unit
Value
Drain source voltage
VDS
60
V
Drain source voltage for short circuit protection
VDS(SC)
32
Continuous input current 1)
-0.2V
≤ VIN ≤ 10V
VIN < -0.2V or VIN > 10V
IIN
no limit
|
IIN | ≤ 2
mA
Operating temperature
Tj
°C
- 40 ... +150
Storage temperature
Tstg
- 55 ... +150
Power dissipation
TC = 25 °C
90
W
Ptot
Unclamped single pulse inductive energy
ID(ISO) = 7 A
2000
mJ
EAS
Electrostatic discharge voltage (Human Body Model)
according to MIL STD 883D, method 3015.7 and
EOS/ESD assn. standard S5.1 - 1993
VESD
3000
V
Load dump protection
VLoadDump2) = VA + VS
VIN=low or high; VA=13.5 V
td = 400 ms, RI = 2 Ω, ID=0,5*7A
td = 400 ms, RI = 2 Ω, ID= 7A
90
74
VLD
DIN humidity category, DIN 40 040
E
IEC climatic category; DIN IEC 68-1
40/150/56
Thermal resistance
junction - case:
RthJC
1.4
K/W
75
RthJA
junction - ambient:
SMD version, device on PCB: 3)
RthJA
45
1A sensor holding current of 500 µA has to be guaranted in the case of thermal shutdown (see also page 3)
2VLoaddump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
3Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 µm thick) copper area for Drain connection. PCB is vertical
without blown air.


Similar Part No. - BTS133

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS133 INFINEON-BTS133 Datasheet
197Kb / 9P
   Smart Lowside Power Switch
19.05.2000
BTS133E3045A INFINEON-BTS133E3045A Datasheet
288Kb / 10P
   Smart Low Side Power Switch
Rev. 1.3, 2008-12-10
BTS133TC INFINEON-BTS133TC Datasheet
279Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BTS133 INFINEON-BTS133_12 Datasheet
223Kb / 11P
   Smart Low Side Power Switch
Rev. 1.4, 2012-07-11
More results

Similar Description - BTS133

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS941 SIEMENS-BTS941 Datasheet
193Kb / 11P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS933 SIEMENS-BTS933 Datasheet
194Kb / 11P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BTS117 SIEMENS-BTS117 Datasheet
138Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal Shutdown Overload protection)
BSP75 SIEMENS-BSP75 Datasheet
55Kb / 9P
   Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP75A SIEMENS-BSP75A Datasheet
55Kb / 9P
   Smart Lowside Power Switch (Logic Level Input Input protection ESD Thermal shutdown with restart)
BSP78 SIEMENS-BSP78 Datasheet
107Kb / 10P
   Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart)
BTS425L1 SIEMENS-BTS425L1 Datasheet
150Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS409L1 SIEMENS-BTS409L1 Datasheet
159Kb / 12P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS308 SIEMENS-BTS308 Datasheet
161Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
BTS410F2 SIEMENS-BTS410F2 Datasheet
167Kb / 13P
   Smart Highside Power Switch (Overload protection Current limitation Short circuit protection Thermal shutdown)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com