Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ULN2803 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # ULN2803
Description  Octal High Voltage,High Current Darlington Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ULN2803 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  ULN2803 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ULN2803 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ULN2803 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ULN2803 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ULN2803 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ULN2803 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
ABSOLUTE MAXI MUM RATINGS ( T A = 25°C and rating apply to any one device
in the package, unless otherwise noted.)
Characteristic
Symbol
Value
Unit
Output voltage
V O
50
V
Input voltage
V I
30
V
Collector current- continuous
I C
500
mA
Base current- continuous
I B
25
mA
Operating temperature
Topr
0~ 70
°C
Storage temperature
Tstg
-55~ +150
°C
Junction temperature
T J
125
°C
* R θJA =55°C/W
Do not exceed maximum current limit per driver.
ELECTRI CAL CH ARACTERISTICS
(unless otherwise specified: T A =25°C)
Characteristics
Symbol
Test conditions
Min
Typ
Max
Unit
Vo=50V, T A =70°C
100
Output leakage current
(Fig.1)
I CEX
Vo=50V, T A =25°C
50
µA
Ic=350mA,I B =500µA
1.1
1.6
Ic=200mA,I B =350µA
0.95
1.3
Collector-Emitter
saturation voltage (Fig.2)
VCE(sat)
Ic=100mA,I B =250µA
0.85
1.1
V
Input current
- on condition (Fig.4)
I I(on)
V I =3.85V
1.1
1.35
mA
V CE =2.0V,I C =200mA
1.70
2.4
V CE =2.0V,I C =250mA
1.75
2.7
Input voltage
- on condition (Fig.5)
V I(on)
V CE =2.0V,I C =300mA
1.80
3.0
V
Input current
- off condition (Fig.3)
I I(off)
I C =500µA, T A =70°C
50
100
µA
Input capacitance
C I
15
25
pF
Turn-on delay time
(50% E I to 50% E O )
ton
0.25
1.0
µs
Turn-off delay time
(50% E I to 50% E O )
toff
0.25
1.0
µs
T A =25°C
50
Clamp diode leakage
current (V R =50V) (Fig.6)
I R
T A =70°C
100
µA
Clamp diode forward
Voltage
(Fig.7)
V F
I F =350mA
1.5
2.0
V


Similar Part No. - ULN2803

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ULN2803 ONSEMI-ULN2803 Datasheet
85Kb / 6P
   OCTAL PERIPHERAL DRIVER ARRAYS
REV 1
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
   EIGHT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
   High-Voltage,High-Current Darlington Arrays
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
208Kb / 6P
   EIGHT DARLINGTON ARRAYS
ULN2803 UTC-ULN2803 Datasheet
301Kb / 6P
   EIGHT DARLINGTON ARRAYS
More results

Similar Description - ULN2803

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
Tiger Electronic Co.,Lt...
ULN2004 TGS-ULN2004_17 Datasheet
5Mb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com