Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BKILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9EMS9633BKILFT
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9EMS9633BKILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  9EMS9633BKILFT Datasheet HTML 1Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 2Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 3Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 4Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 5Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 6Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 7Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 8Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
5
Datasheet
MLF Pin Description
PIN #
PIN NAME
TYPE
DESCRIPTION
1
CPU_STOP#
IN
Stops all CPU clocks, except those set to be free running clocks
2
CLKPWRGD#/PD_3.3
IN
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active low input. / Asynchronous
active high input pin used to place the device into a power down state.
3X2
OUT
Crystal output, Nominally 14.318MHz
4
X1
IN
Crystal input, Nominally 14.318MHz.
5
VDDREF_3.3
PWR Power pin for the XTAL and REF clocks, nominal 3.3V
6
REF
OUT
14.318 MHz reference clock.
7
GNDREF
PWR Ground pin for the REF outputs.
8
VDDCORE_3.3
PWR 3.3V power for the PLL core
9FSC_L
IN
Low threshold input for CPU frequency selection. Refer to input electrical
characteristics for Vil_FS and Vih_FS values.
10
TEST_MODE
IN
TEST_MODE is a real time input to select between Hi-Z and REF/N divider mode
while in test mode. Refer to Test Clarification Table.
11
TEST_SEL
IN
TEST_SEL: latched input to select TEST MODE
1 = All outputs are tri-stated for test
0 = All outputs behave normally.
12
SCLK_3.3
IN
Clock pin of SMBus circuitry, 3.3V tolerant.
13
SDATA_3.3
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
14
VDDCORE_3.3
PWR 3.3V power for the PLL core
15
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
16
DOT96C_LPR
OUT
Complement clock of low power differential pair for 96.00MHz DOT clock. No 50ohm
resistor to GND needed. No Rs needed.
17
DOT96T_LPR
OUT
True clock of low power differential pair for 96.00MHz DOT clock. No 50ohm resistor
to GND needed. No Rs needed.
18
GNDDOT
PWR Ground pin for DOT clock output
19
GNDLCD
PWR Ground pin for LCD clock output
20
LCD100C_LPR
OUT
Complement clock of low power differential pair for LCD100 SS clock. No 50ohm
resistor to GND needed. No Rs needed.
21
LCD100T_LPR
OUT
True clock of low power differential pair for LCD100 SS clock. No 50ohm resistor to
GND needed. No Rs needed.
22
VDDIO_1.5
PWR Power supply for low power differential outputs, nominal 1.5V.
23
VDDCORE_3.3
PWR 3.3V power for the PLL core
24
*CR#0
IN
Clock request for SRC0, 0 = enable, 1 = disable


Similar Part No. - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9EMS9633BKILFT RENESAS-9EMS9633BKILFT Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results

Similar Description - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com