Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BKILFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9EMS9633BKILFT
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9EMS9633BKILFT Datasheet(HTML) 1 Page - Integrated Device Technology

  9EMS9633BKILFT Datasheet HTML 1Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 2Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 3Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 4Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 5Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 6Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 7Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 8Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ICS9EMS9633
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
Datasheet
ULTRA MOBILE PC CLOCK FOR EMBEDDED
APPLICATIONS
1
Recommended Application:
Features/Benefits:
Poulsbo Based Ultra-Mobile PC (UMPC) for Embedded
Applications
Industrial temperature range compliant
Supports ULV CPUs with 67 to 167 MHz
CPU outputs
Dedicated TEST/SEL and TEST/MODE pins
saves isolation resistors on pins
CPU STOP# input for power manangment
Fully integrated Vreg
Integrated series resistors on differential
outputs
1.5V VDD IO operation, 3.3V VDD core and
REF supply pin for REF
-40 to +85C operating range
SSOP Pin Configuration
Output Features:
3 - CPU low power differential push-pull pairs
3 - SRC low power differential push-pull pairs
1 - LCD100 SSCD low power differential
push-pull pair
1 - DOT96 low power differential push-pull
pair
1 - REF, 14.31818MHz, 3.3V SE output
REF 1
48 VDDREF_3.3
GNDREF 2
47 X1
VDDCORE_3.3 3
46 X2
FSC_L 4
45 CLKPWRGD#/PD_3.3
TEST_MODE 5
44 CPU_STOP#
TEST_SEL 6
43 CPUT0_LPR
SCLK 7
42 CPUC0_LPR
SDATA 8
41 VDDIO_1.5
VDDCORE_3.3 9
40 GNDCPU
VDDIO_1.5 10
39 CPUT1_LPR
DOT96C_LPR 11
38 CPUC1_LPR
DOT96T_LPR 12
37 VDDCORE_3.3
GNDDOT 13
36 VDDIO_1.5
GNDLCD 14
35 GNDCPU
LCD100C_LPR 15
34 CPUT2_LPR
LCD100T_LPR 16
33 CPUC2_LPR
VDDIO_1.5 17
32 FSB_L
VDDCORE_3.3 18
31 *CR#2
*CR#0 19
30 SRCT2_LPR
GNDSRC 20
29 SRCC2_LPR
SRCC0_LPR 21
28 GNDSRC
SRCT0_LPR 22
27 SRCT1_LPR
*CR#1 23
26 SRCC1_LPR
VDDCORE_3.3 24
25 VDDIO_1.5
* indicates inputs with internal pull up of ~10Kohm to 3.3V
48 SSOP Package


Similar Part No. - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9EMS9633BKILFT RENESAS-9EMS9633BKILFT Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results

Similar Description - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com