Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9EMS9633BKILFT Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 9EMS9633BKILFT
Description  ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9EMS9633BKILFT Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 9EMS9633BKILFT Datasheet HTML 12Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 13Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 14Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 15Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 16Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 17Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 18Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 19Page - Integrated Device Technology 9EMS9633BKILFT Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
IDTTM/ICSTM Ultra Mobile PC Clock for Embedded Applications
1617—08/19/09
ICS9EMS9633
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
16
Datasheet
Byte
8
Reserved
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
Byte
9
LCD100 PLL N Register
Bit(s)
Pin #
Name
Control Function
Type
0
1
Default
Bit 7
LCD100 N Div7
R
X
Bit 6
LCD100 N Div6
R
X
Bit 5
LCD100 N Div5
R
X
Bit 4
LCD100 N Div4
R
X
Bit 3
LCD100 N Div3
R
X
Bit 2
LCD100 N Div2
R
X
Bit 1
LCD100 N Div1
R
X
Bit 0
LCD100 N Div0
R
X
Byte
10
Status Readback Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
37
FSB
Frequency Select B
R
Latch
6
9
FSC
Frequency Select C
R
Latch
5
24
CR0# Readbk
Real time CR0# State Indicator
R
CR0# is Low
CR0# is High
X
4
28
CR1# Readbk
Real time CR1# State Indicator
R
CR1# is Low
CR1# is High
X
3
36
CR2# Readbk
Real time CR2# State Indicator
R
CR2# is Low
CR2# is High
X
2
0
1
0
0
0
Byte
11
Revision ID/Vendor ID Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
Rev Code Bit 3
R
X
6
Rev Code Bit 2
R
X
5
Rev Code Bit 1
R
X
4
Rev Code Bit 0
R
X
3
Vendor ID bit 3
R
0
2
Vendor ID bit 2
R
0
1
Vendor ID bit 1
R
0
0
Vendor ID bit 0
R
1
Byte
12
Device ID Register
Bit(s)
Pin #
Name
Description
Type
0
1
Default
7
DEV_ID3
Device ID MSB
R
0
6
DEV_ID2
Device ID 2
R
0
5
DEV_ID1
Device ID 1
R
1
4
DEV_ID0
Device ID LSB
R
1
3
0
2
0
1
0
0
0
Reserved
Reserved
Reserved
Vendor ID
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
N Divider Programming Byte9 bit(7:0) and Byte8
bit7
See N-step programming
formula
Reserved
Reserved
Reserved
See Table 1: CPU Frequency
Select Table
Reserved
Revision ID
(0 for A rev)
Vendor specific


Similar Part No. - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9EMS9633BKILFT RENESAS-9EMS9633BKILFT Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
More results

Similar Description - 9EMS9633BKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
   ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Integrated Device Techn...
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
   ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
   ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
   Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Cypress Semiconductor
SC660E CYPRESS-SC660E Datasheet
56Kb / 8P
   SMBus System Clock Buffer for Mobile Applications
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A_1 Datasheet
342Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com