Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82P20516BFBLANK Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT82P20516BFBLANK
Description  16-Channel Short Haul E1 Line Interface Unit
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82P20516BFBLANK Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT82P20516BFBLANK Datasheet HTML 5Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 6Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 7Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 8Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 9Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 10Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 11Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 12Page - Integrated Device Technology IDT82P20516BFBLANK Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 115 page
background image
IDT82P20516
16-CHANNEL SHORT HAUL E1 LINE INTERFACE UNIT
Applications
9
December 17, 2009
APPLICATIONS
SDH/SONET multiplexers
Central office or PBX (Private Branch Exchange)
Digital access cross connects
Remote wireless modules
Microwave transmission systems
DESCRIPTION
The IDT82P20516 is a 16-channel high-density E1 short haul Line
Interface Unit. Each channel of the IDT82P20516 can be independently
configured. The configuration is performed through a Serial micropro-
cessor interface.
In the receive path, through a Single Ended or Differential line inter-
face, the received signal is processed by an adaptive Equalizer and then
sent to a Slicer. Clock and data are recovered from the digital pulses
output from the Slicer. After passing through an enabled or disabled
Receive Jitter Attenuator, the recovered data is decoded using B8ZS/
AMI/HDB3 line code rule in Single Rail NRZ Format mode and output to
the system, or output to the system without decoding in Dual Rail NRZ
Format mode and Dual Rail RZ Format mode.
In the transmit path, the data to be transmitted is input on TDn in
Single Rail NRZ Format mode or TDPn/TDNn in Dual Rail NRZ Format
mode and Dual Rail RZ Format mode, and is sampled by a transmit
reference clock. The clock can be supplied externally from TCLKn or
recovered from the input transmit data by an internal Clock Recovery. A
selectable JA in Tx path is used to de-jitter gapped clocks. To meet E1
waveform standards, two E1 templates and one J1 template, as well as
an arbitrary waveform generator are provided. The data through the
Waveform Shaper, the Line Driver and the Tx Transmitter is output on
TTIPn and TRINGn.
Alarms (including LOS, AIS) and defects (including BPV, EXZ) are
detected in both receive line side and transmit system side. AIS alarm,
PRBS, ARB and IB patterns can be generated /detected in receive /
transmit direction for testing purpose. Analog Loopback, Digital Loop-
back and Remote Loopback are all integrated for diagnostics.
JTAG per IEEE 1149.1 is also supported by the IDT82P20516.


Similar Part No. - IDT82P20516BFBLANK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
More results

Similar Description - IDT82P20516BFBLANK

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82P20416 RENESAS-IDT82P20416 Datasheet
1Mb / 122P
   16-Channel Short Haul T1/E1/J1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83VSH316 EXAR-XRT83VSH316_07 Datasheet
559Kb / 97P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316_15 Datasheet
1Mb / 98P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH316 EXAR-XRT83VSH316 Datasheet
563Kb / 96P
   16-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com