Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

92HD65C Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 92HD65C
Description  SIX CHANNEL HD AUDIO CODECS
Download  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

92HD65C Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 92HD65C Datasheet HTML 6Page - Integrated Device Technology 92HD65C Datasheet HTML 7Page - Integrated Device Technology 92HD65C Datasheet HTML 8Page - Integrated Device Technology 92HD65C Datasheet HTML 9Page - Integrated Device Technology 92HD65C Datasheet HTML 10Page - Integrated Device Technology 92HD65C Datasheet HTML 11Page - Integrated Device Technology 92HD65C Datasheet HTML 12Page - Integrated Device Technology 92HD65C Datasheet HTML 13Page - Integrated Device Technology 92HD65C Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 268 page
background image
IDT CONFIDENTIAL
10
V 0.91 10/11
©2011 INTEGRATED DEVICE TECHNOLOGY, INC.
92HD65C
92HD65C
SIX CHANNEL HD AUDIO CODEC WITH DUAL CAPLESS HEADPHONE AMPLIFIERS
1. DESCRIPTION
1.1.
Overview
The 92HD65C provide stereo 24- bit, full duplex resolution supporting sample rates up to 192kHz by
the DAC and ADC. SPDIF outputs support sample rates of 192kHz, 96kHz, 88.2kHz, 48kHz, and
44.1kHz. SPDIF input supports 96KHz, 88.2KHz, 48KHz, and 44.1KHz sample rates. Additional
sample rates are supported by the driver software.
The 92HD65C supports a wide range of desktop and laptop 6-channel configurations. The 2 inde-
pendent SPDIF output interfaces provides connectivity to consumer electronic equipment or to a
home entertainment system. Simultaneous HDMI and SPDIF output is possible. All inputs can be
programmed with 0-30 dB gain in 10 dB steps allowing for line or microphone use of any input.
Port presence detect capabilities allow the CODEC to detect when audio devices are connected to
the CODEC. The fully parametric IDT SoftEQ can be initiated upon headphone jack insertion and
removal for protection of notebook speakers.
The 92HD65C operates with a 3.3V digital supply and a 5V analog supply. It allows for 3.3V HDA
signaling.
The 92HD65C is offered in a 40 pin QFN Environmental (ROHS) package.
1.2.
Orderable Part Numbers
yy = silicon stepping/revision, contact sales for current data.
Add an “8” to the end for tape and reel delivery.
92HD65C5X5NDGXyyX
6ch,  40QFN, 3.3V HDA Signaling, 5V AVDD


Similar Part No. - 92HD65C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
92HD66C IDT-92HD66C Datasheet
3Mb / 291P
   SIX CHANNEL HD AUDIO CODECS
More results

Similar Description - 92HD65C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD66C IDT-92HD66C Datasheet
3Mb / 291P
   SIX CHANNEL HD AUDIO CODECS
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
logo
Silan Microelectronics ...
SD7401 SILAN-SD7401 Datasheet
491Kb / 7P
   SIX-CHANNEL AUDIO AMPLIFIER
logo
Davicom Semiconductor, ...
DM5865 DAVICOM-DM5865 Datasheet
68Kb / 3P
   4-Channel 720H Video Decoders and Audio Codecs
logo
SONiX Technology Compan...
SN11116 SONIX-SN11116 Datasheet
185Kb / 12P
   USB Six Channel Audio Controller
logo
Davicom Semiconductor, ...
DM5866 DAVICOM-DM5866 Datasheet
66Kb / 3P
   4-Channel 960H Video Decoders and Audio Codecs
logo
Texas Instruments
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036B TI-TAS5036B Datasheet
772Kb / 56P
[Old version datasheet]   Six Channel Digital Audio PWM Precessor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com