Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF799 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF799
Description  NPN SILICON RF TRANSISTOR (For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF799 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF799 Datasheet HTML 1Page - Siemens Semiconductor Group BF799 Datasheet HTML 2Page - Siemens Semiconductor Group BF799 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
BF 799
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR) CE0
20
nA
Collector cutoff current
VCB = 20 V
ICB0
100
DC current gain, VCE = 10 V
IC = 5 mA
IC = 20 mA
hFE
35
40
95
100
250
Collector-base breakdown voltage
IC = 10
µA, IE = 0
V(BR) CB0
30
Emitter-base breakdown voltage
IE = 10
µA
V(BR) EB0
3––
V
Collector-emitter saturation voltage
IC = 20 mA, IB = 2 mA
VCE sat
0.15
0.5
Base-emitter saturation voltage
IC = 20 mA, IB = 2 mA
VBE sat
0.95
MHz
Transition frequency
IC = 5 mA, VCE = 10 V, f = 100 MHz
IC = 20 mA, VCE = 8 V, f = 100 MHz
fT
800
1100
pF
Output capacitance
VCB = 10 V, f = 1 MHz, IE = 0
Cob
0.96
Collector-base capacitance
VCB = 10 V, VBE = 0 V, f = 1 MHz
Ccb
0.7
µS
Output conductance
IC = 20 mA, VCE = 10 V, f = 35 MHz
g22e
–60
dB
Noise figure
IC = 5 mA, VCE = 10 V, f = 100 MHz
RS = 50
F
–3–
Collector-emitter capacitance
VCE = 10 V, VBE = 0 V, f = 1 MHz
Cce
0.28
AC Characteristics


Similar Part No. - BF799

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF799 INFINEON-BF799 Datasheet
135Kb / 4P
   NPN Silicon RF Transistor
Apr-15-2003
BF799 INFINEON-BF799 Datasheet
67Kb / 6P
   NPN Silicon RF Transistor
2007-04-20
BF799 INFINEON-BF799 Datasheet
525Kb / 6P
   NPN Silicon RF Transistor
2011-09-21
logo
Siemens Semiconductor G...
BF799W SIEMENS-BF799W Datasheet
53Kb / 5P
   NPN Silicon RF Transistor (For linear broadband amplifier applications up to 500MHz SAW filter driver in TV tuners)
logo
Infineon Technologies A...
BF799W INFINEON-BF799W Datasheet
128Kb / 4P
   NPN Silicon RF Transistor
Apr-15-2003
More results

Similar Description - BF799

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF799W SIEMENS-BF799W Datasheet
53Kb / 5P
   NPN Silicon RF Transistor (For linear broadband amplifier applications up to 500MHz SAW filter driver in TV tuners)
BF959 SIEMENS-BF959 Datasheet
66Kb / 3P
   NPN Silicon RF Transistor (For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
   NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
BF772 SIEMENS-BF772 Datasheet
22Kb / 3P
   NPN Silicon RF Transistor (For application in TV-sat tuners)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
   PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BFX89 SIEMENS-BFX89 Datasheet
60Kb / 3P
   NPN SILICON TRANSISTOR FOR RF BROADBAND AMPLIFIER
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF770A SIEMENS-BF770A Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (For IF amplifiers in TV-sat tuners and for VCR modulators)
BF775W SIEMENS-BF775W Datasheet
19Kb / 3P
   NPN Silicon RF Transistor (Especially suitable for TV-sat and UHF tuners)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com