Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF550 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BF550
Description  PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF550 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BF550 Datasheet HTML 1Page - Siemens Semiconductor Group BF550 Datasheet HTML 2Page - Siemens Semiconductor Group BF550 Datasheet HTML 3Page - Siemens Semiconductor Group BF550 Datasheet HTML 4Page - Siemens Semiconductor Group BF550 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BF 550
Semiconductor Group
3
Total power dissipation Ptot = f (TA)
Collector current IC = f (VBE)
VCE = 10 V
DC current gain hFE = f (IC)
VCE = 10 V
Collector-emitter saturation voltage
VCEsat = f (IC)
hFE = 10


Similar Part No. - BF550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
PNP medium frequency transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF550 NXP-BF550 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
logo
Nexperia B.V. All right...
BF550 NEXPERIA-BF550 Datasheet
273Kb / 7P
PNP medium frequency transistor
2004 Jan 16
logo
NXP Semiconductors
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
PNP medium frequency transistor
2004 Jan 16
More results

Similar Description - BF550

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF414 SIEMENS-BF414 Datasheet
13Kb / 2P
NPN Silicon RF Transistor (For low-noise, common base VHF and FM stages)
BF506 SIEMENS-BF506 Datasheet
13Kb / 2P
PNP Silicon RF Transistor (For VHF mixer and oscillator stages)
BF517 SIEMENS-BF517 Datasheet
44Kb / 4P
NPN Silicon RF Transistor (For amplifier and oscillator applications in TV-tuners)
BF543 SIEMENS-BF543 Datasheet
97Kb / 5P
Silicon N Channel MOS FET Triode (For RF stages up to 300 MHz preferably in FM applications)
BF554 SIEMENS-BF554 Datasheet
60Kb / 4P
NPN Silicon RF Transistor (For general small-signal RF applications up to 300 MHz in amplifier, mixer and oscillator circuits)
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
BF569W SIEMENS-BF569W Datasheet
45Kb / 4P
PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner)
BF799 SIEMENS-BF799 Datasheet
40Kb / 3P
NPN SILICON RF TRANSISTOR (For linear broadband amplifier applications up to 500 MHz SAW filter driver in TV tuners)
BF959 SIEMENS-BF959 Datasheet
66Kb / 3P
NPN Silicon RF Transistor (For SAW filter driver applications in TV tuners For linear broadband VHF amplifier stages)
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com