Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF543 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF543
Description  Silicon N Channel MOS FET Triode (For RF stages up to 300 MHz preferably in FM applications)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF543 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF543 Datasheet HTML 1Page - Siemens Semiconductor Group BF543 Datasheet HTML 2Page - Siemens Semiconductor Group BF543 Datasheet HTML 3Page - Siemens Semiconductor Group BF543 Datasheet HTML 4Page - Siemens Semiconductor Group BF543 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Semiconductor Group
2
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
V
nA
Parameter
Drain-source breakdown voltage
ID = 10
µA, – VGS = 4 V
Gate-source breakdown voltage
± IGS = 10 mA, VDS = 0
Gate cutoff current
± VGS = 6 V, VDS = 0
Symbol
V(BR)DS
±V(BR)GSS
± IGSS
min.
20
7
typ.
max.
12
50
mA
Drain current
VDS = 10 V, VGS = 0
IDSS
2.0
4
6.0
V
Gate-source pinch-off voltage
VDS = 10 V, ID = 20
µA
– VGS(p)
0.7
1.5
DC Characteristics
mS
Forward transconductance
VDS = 10 V, ID = 4 mA, f = 1 kHz
gfs
9.5
12
pF
Gate-1 input capacitance
VDS = 10 V, ID = 4 mA, f = 1 MHz
Cgss
2.7
fF
Reverse transfer capacitance
VDS = 10 V, ID = 4 mA, f = 1 MHz
Cdg
–18
dB
Power gain (test circuit)
VDS = 10 V, ID = 4 mA, f = 200 MHz
GG = 2 mS, GL = 0.5 mS
Gp
–22
pF
Output capacitance
VDS = 10 V, ID = 4 mA, f = 1 MHz
Cdss
0.9
Noise figure (test circuit)
VDS = 10 V, ID = 4 mA, f = 200 MHz
GG = 2 mS, GL = 0.5 mS
F
–1–
AC Characteristics
BF 543


Similar Part No. - BF543

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF543 INFINEON-BF543 Datasheet
50Kb / 5P
Silicon N-Channel MOSFET Triode
Jun-28-2001
logo
Vishay Siliconix
BF543 VISHAY-BF543 Datasheet
157Kb / 3P
N-Channel MOS-Fieldeffect Triode, Depletion Mode
Rev. 1.5, 05-Jul-05
More results

Similar Description - BF543

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF999 SIEMENS-BF999 Datasheet
116Kb / 5P
Silicon N Channel MOSFET Triode (For high-frequency stages up to 300 MHz, preferably in FM applications)
BF987 SIEMENS-BF987 Datasheet
79Kb / 5P
SILICON N CHANNEL MOSFET TRIODE (For high-frequency stages up to 300 MHz, preferably in FM applications High overload capability)
BF550 SIEMENS-BF550 Datasheet
92Kb / 5P
PNP Silicon RF Transistor (For common emitter amplifier stages up to 300 MHz For mixer applications in AM/FM radios and VHF TV tuners)
logo
NTE Electronics
NTE2401 NTE-NTE2401 Datasheet
22Kb / 2P
Silicon PNP Transistor RF Stages in FM Front Ends
logo
Toshiba Semiconductor
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK302 TOSHIBA-2SK302_07 Datasheet
864Kb / 7P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
logo
Sanyo Semicon Device
2SK212 SANYO-2SK212 Datasheet
121Kb / 5P
N-Channel Junction Silicon FET(FM Tuner Applications)
logo
Siemens Semiconductor G...
BF554 SIEMENS-BF554 Datasheet
60Kb / 4P
NPN Silicon RF Transistor (For general small-signal RF applications up to 300 MHz in amplifier, mixer and oscillator circuits)
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
Silicon N Channel MOS FET Silicon N Channel MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com