Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA48A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA48A
Description  8-bit Atmel Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA48A_11 Datasheet HTML 7Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 8Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 9Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 10Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 11Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 12Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 13Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 14Page - ATMEL Corporation ATMEGA48A_11 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
8271DS–AVR–05/11
ATmega48A/PA/88A/PA/168A/PA/328/P
(0x7D)
Reserved
(0x7C)
ADMUX
REFS1
REFS0
ADLAR
MUX3
MUX2
MUX1
MUX0
264
(0x7B)
ADCSRB
–ACME
ADTS2
ADTS1
ADTS0
267
(0x7A)
ADCSRA
ADEN
ADSC
ADATE
ADIF
ADIE
ADPS2
ADPS1
ADPS0
265
(0x79)
ADCH
ADC Data Register High byte
267
(0x78)
ADCL
ADC Data Register Low byte
267
(0x77)
Reserved
(0x76)
Reserved
(0x75)
Reserved
(0x74)
Reserved
(0x73)
Reserved
(0x72)
Reserved
(0x71)
Reserved
(0x70)
TIMSK2
OCIE2B
OCIE2A
TOIE2
165
(0x6F)
TIMSK1
–ICIE1
OCIE1B
OCIE1A
TOIE1
141
(0x6E)
TIMSK0
OCIE0B
OCIE0A
TOIE0
113
(0x6D)
PCMSK2
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
76
(0x6C)
PCMSK1
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
76
(0x6B)
PCMSK0
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
76
(0x6A)
Reserved
(0x69)
EICRA
–ISC11
ISC10
ISC01
ISC00
73
(0x68)
PCICR
PCIE2
PCIE1
PCIE0
(0x67)
Reserved
(0x66)
OSCCAL
Oscillator Calibration Register
38
(0x65)
Reserved
(0x64)
PRR
PRTWI
PRTIM2
PRTIM0
PRTIM1
PRSPI
PRUSART0
PRADC
43
(0x63)
Reserved
(0x62)
Reserved
(0x61)
CLKPR
CLKPCE
CLKPS3
CLKPS2
CLKPS1
CLKPS0
38
(0x60)
WDTCSR
WDIF
WDIE
WDP3
WDCE
WDE
WDP2
WDP1
WDP0
56
0x3F (0x5F)
SREG
I
T
H
S
V
N
Z
C
10
0x3E (0x5E)
SPH
(SP10) 5.
SP9
SP8
13
0x3D (0x5D)
SPL
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
13
0x3C (0x5C)
Reserved
0x3B (0x5B)
Reserved
0x3A (0x5A)
Reserved
0x39 (0x59)
Reserved
0x38 (0x58)
Reserved
0x37 (0x57)
SPMCSR
SPMIE
(RWWSB)5.
(RWWSRE)5.
BLBSET
PGWRT
PGERS
SELFPRGEN
295
0x36 (0x56)
Reserved
0x35 (0x55)
MCUCR
–BODS(6)
BODSE(6)
PUD
IVSEL
IVCE
46/70/94
0x34 (0x54)
MCUSR
WDRF
BORF
EXTRF
PORF
56
0x33 (0x53)
SMCR
–SM2
SM1
SM0
SE
41
0x32 (0x52)
Reserved
0x31 (0x51)
Reserved
0x30 (0x50)
ACSR
ACD
ACBG
ACO
ACI
ACIE
ACIC
ACIS1
ACIS0
249
0x2F (0x4F)
Reserved
0x2E (0x4E)
SPDR
SPI Data Register
177
0x2D (0x4D)
SPSR
SPIF
WCOL
SPI2X
176
0x2C (0x4C)
SPCR
SPIE
SPE
DORD
MSTR
CPOL
CPHA
SPR1
SPR0
175
0x2B (0x4B)
GPIOR2
General Purpose I/O Register 2
26
0x2A (0x4A)
GPIOR1
General Purpose I/O Register 1
26
0x29 (0x49)
Reserved
0x28 (0x48)
OCR0B
Timer/Counter0 Output Compare Register B
0x27 (0x47)
OCR0A
Timer/Counter0 Output Compare Register A
0x26 (0x46)
TCNT0
Timer/Counter0 (8-bit)
0x25 (0x45)
TCCR0B
FOC0A
FOC0B
WGM02
CS02
CS01
CS00
0x24 (0x44)
TCCR0A
COM0A1
COM0A0
COM0B1
COM0B0
–WGM01
WGM00
0x23 (0x43)
GTCCR
TSM
PSRASY
PSRSYNC
145/167
0x22 (0x42)
EEARH
(EEPROM Address Register High Byte) 5.
22
0x21 (0x41)
EEARL
EEPROM Address Register Low Byte
22
0x20 (0x40)
EEDR
EEPROM Data Register
22
0x1F (0x3F)
EECR
EEPM1
EEPM0
EERIE
EEMPE
EEPE
EERE
22
0x1E (0x3E)
GPIOR0
General Purpose I/O Register 0
26
0x1D (0x3D)
EIMSK
–INT1
INT0
74
0x1C (0x3C)
EIFR
INTF1
INTF0
74
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Page


Similar Part No. - ATMEGA48A_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_14 Datasheet
1Mb / 39P
ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
More results

Similar Description - ATMEGA48A_11

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48P ATMEL-ATMEGA48P Datasheet
445Kb / 25P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48P ATMEL-ATMEGA48P_08 Datasheet
420Kb / 26P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PA ATMEL-ATMEGA48PA_1 Datasheet
12Mb / 448P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A Datasheet
499Kb / 32P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48A ATMEL-ATMEGA48A_10 Datasheet
592Kb / 33P
8-bit Microcontroller with 4/8/16/32K Bytes In-System Programmable Flash
ATMEGA48PV ATMEL-ATMEGA48PV_11 Datasheet
401Kb / 27P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA328P-20AU ATMEL-ATMEGA328P-20AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com