Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR512 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCR512
Description  NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCR512 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCR512 Datasheet HTML 1Page - Siemens Semiconductor Group BCR512 Datasheet HTML 2Page - Siemens Semiconductor Group BCR512 Datasheet HTML 3Page - Siemens Semiconductor Group BCR512 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
Nov-27-1996
BCR 512
NPN Silicon Digital Transistor
• Switching circuit, inverter, interface circuit,
drive circuit
• Built in bias resistor (R1=4.7kΩ, R2=4.7kΩ)
Type
Marking Ordering Code
Pin Configuration
Package
BCR 512
XFs
Q62702-C2445
1 = B
2 = E
3 = C
SOT-23
Maximum Ratings
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Emitter-base voltage
VEBO
10
Input on Voltage
Vi(on)
30
DC collector current
IC
500
mA
Total power dissipation,
TS = 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 ... + 150
Thermal Resistance
Junction ambient
1)
RthJA
≤ 325
K/W
Junction - soldering point
RthJS
≤ 215
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 6cm2 Cu


Similar Part No. - BCR512

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR512 INFINEON-BCR512 Datasheet
114Kb / 4P
   NPN Silicon Digital Transistor
Dec-13-2001
BCR512 INFINEON-BCR512 Datasheet
138Kb / 6P
   NPN Silicon Digital Transistor
2007-07-23
BCR512 INFINEON-BCR512 Datasheet
531Kb / 6P
   NPN Silicon Digital Transistor
2011-07-28
BCR512 INFINEON-BCR512_07 Datasheet
138Kb / 6P
   NPN Silicon Digital Transistor
2007-07-23
BCR512 INFINEON-BCR512_11 Datasheet
531Kb / 6P
   NPN Silicon Digital Transistor
2011-07-28
More results

Similar Description - BCR512

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR503 SIEMENS-BCR503 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drive circuit)
BCR116 SIEMENS-BCR116 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR133 SIEMENS-BCR133 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR133W SIEMENS-BCR133W Datasheet
34Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR135 SIEMENS-BCR135 Datasheet
51Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR148 SIEMENS-BCR148 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR108 SIEMENS-BCR108 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit
BCR142 SIEMENS-BCR142 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, drver circuit)
BCR521 SIEMENS-BCR521 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
BCR523 SIEMENS-BCR523 Datasheet
35Kb / 4P
   NPN Silicon Digital Transistor (Switching circuit, inverter, interface circuit, driver circuit)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com