Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB Datasheet(PDF) 3 Page - Winbond

Part # W9412G2IB
Description  1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB Datasheet(HTML) 3 Page - Winbond

  W9412G2IB Datasheet HTML 1Page - Winbond W9412G2IB Datasheet HTML 2Page - Winbond W9412G2IB Datasheet HTML 3Page - Winbond W9412G2IB Datasheet HTML 4Page - Winbond W9412G2IB Datasheet HTML 5Page - Winbond W9412G2IB Datasheet HTML 6Page - Winbond W9412G2IB Datasheet HTML 7Page - Winbond W9412G2IB Datasheet HTML 8Page - Winbond W9412G2IB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 3 -
Revision A06
10.19 2 Bank Interleave Read Operation (CL = 2, BL = 2) ...........................................................................45
10.20 2 Bank Interleave Read Operation (CL = 2, BL = 4) ...........................................................................45
10.21 4 Bank Interleave Read Operation (CL = 2, BL = 2) ...........................................................................46
10.22 4 Bank Interleave Read Operation (CL = 2, BL = 4) ...........................................................................46
10.23 Auto Refresh Cycle.............................................................................................................................47
10.24 Precharge/Activate Power Down Mode Entry and Exit Timing ...........................................................47
10.25 Input Clock Frequency Change during Precharge Power Down Mode Timing...................................47
10.26 Self Refresh Entry and Exit Timing.....................................................................................................48
11. PACKAGE SPECIFICATION............................................................................................................................49
11.1
144L LFBGA (12X12X1.40 mm^3, Ø=0.5mm) ...................................................................................49
12. REVISION HISTORY .......................................................................................................................................50


Similar Part No. - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
4M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com