Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB Datasheet(PDF) 29 Page - Winbond

Part # W9412G2IB
Description  1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB Datasheet(HTML) 29 Page - Winbond

Back Button W9412G2IB Datasheet HTML 25Page - Winbond W9412G2IB Datasheet HTML 26Page - Winbond W9412G2IB Datasheet HTML 27Page - Winbond W9412G2IB Datasheet HTML 28Page - Winbond W9412G2IB Datasheet HTML 29Page - Winbond W9412G2IB Datasheet HTML 30Page - Winbond W9412G2IB Datasheet HTML 31Page - Winbond W9412G2IB Datasheet HTML 32Page - Winbond W9412G2IB Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 29 -
Revision A06
AC Characteristics and Operating Condition, continued
-4
-5/-5I
-6/-6I
SYM.
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT NOTES
tWPREH
Clock to DQS Write Preamble Hold Time
0.25
0.25
0.25
tWPST
DQS Write Postamble Time
0.4
0.6
0.4
0.6
0.4
0.6
tDQSS
Write Command to First DQS Latching
Transition
0.72
1.25
0.72
1.25
0.75
1.25
tCK
11
tIS
Input Setup Time
0.75
0.75
0.8
tIH
Input Hold Time
0.75
0.75
0.8
tHZ
Data-out
High-impedance
Time
from
CLK, CLK
0.7
0.7
0.7
tLZ
Data-out
Low-impedance
Time
from
CLK, CLK
-0.7
0.7
-0.7
0.7
-0.7
0.7
tT(SS)
SSTL Input Transition
0.5
1.5
0.5
1.5
0.5
1.5
nS
tWTR
Internal Write to Read Command Delay
2
2
1
tCK
tXSNR
Exit Self Refresh to non-Read Command
72
75
75
nS
tXSRD
Exit Self Refresh to Read Command
200
200
200
tCK
tREFi
Refresh Interval Time (4K/64mS)
15.6
15.6
15.6
µS
17
tMRD
Mode Register Set Cycle Time
8
10
12
nS
9.7 AC Test Conditions
PARAMETER
SYMBOL
VALUE
UNIT
Input High Voltage (AC)
VIH
VREF + 0.31
V
Input Low Voltage (AC)
VIL
VREF - 0.31
V
Input Reference Voltage
VREF
0.5 x VDDQ
V
Termination Voltage
VTT
0.5 x VDDQ
V
Input Signal Peak to Peak Swing
VSWING
1.0
V
Differential Clock Input Reference Voltage
VR
Vx (AC)
V
Input Difference Voltage. CLK and CLK Inputs (AC)
VID (AC)
1.5
V
Input Signal Minimum Slew Rate
SLEW
1.0
V/nS
Output Timing Measurement Reference Voltage
VOTR
0.5 x VDDQ
V


Similar Part No. - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
4M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com