Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB Datasheet(PDF) 17 Page - Winbond

Part # W9412G2IB
Description  1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB Datasheet(HTML) 17 Page - Winbond

Back Button W9412G2IB Datasheet HTML 13Page - Winbond W9412G2IB Datasheet HTML 14Page - Winbond W9412G2IB Datasheet HTML 15Page - Winbond W9412G2IB Datasheet HTML 16Page - Winbond W9412G2IB Datasheet HTML 17Page - Winbond W9412G2IB Datasheet HTML 18Page - Winbond W9412G2IB Datasheet HTML 19Page - Winbond W9412G2IB Datasheet HTML 20Page - Winbond W9412G2IB Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 17 -
Revision A06
Addressing Sequence of Interleave Mode
A Column access is started from the inputted column address and is performed by
interleaving the address bits in the sequence shown as the following.
Address Sequence for Interleave Mode
DATA
ACCESS ADDRESS
BURST LENGTH
Data 0
A8 A7 A6 A5 A4 A3 A2 A1 A0
2 words
Data 1
A8 A7 A6 A5 A4 A3 A2 A1 A0
Data 2
A8 A7 A6 A5 A4 A3 A2 A1 A0
4 words
Data 3
A8 A7 A6 A5 A4 A3 A2 A1 A0
Data 4
A8 A7 A6 A5 A4 A3 A2 A1 A0
8 words
Data 5
A8 A7 A6 A5 A4 A3 A2 A1 A0
Data 6
A8 A7 A6 A5 A4 A3 A2 A1 A0
Data 7
A8 A7 A6 A5 A4 A3 A2 A1 A0
7.10.3 CAS Latency field (A6 to A4)
This field specifies the number of clock cycles from the assertion of the Read command to the first
data read. The minimum values of CAS Latency depend on the frequency of CLK.
A6
A5
A4
CAS LATENCY
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
Reserved
1
1
0
2.5
1
1
1
Reserved
7.10.4 DLL Reset bit (A8)
This bit is used to reset DLL. When the A8 bit is “1”, DLL is reset.
7.10.5 Mode Register /Extended Mode register change bits (BA0, BA1)
These bits are used to select MRS/EMRS.
BA1
BA0
A11
−A0
0
0
Regular MRS Cycle
0
1
Extended MRS Cycle
1
x
Reserved


Similar Part No. - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
4M 횞 4 BANKS 횞 16 BITS SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
1M 횞 4 BANKS 횞 16 BITS SDRAM
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com