![]() |
Electronic Components Datasheet Search |
|
W9412G2IB Datasheet(PDF) 12 Page - Winbond |
|
|
W9412G2IB Datasheet(HTML) 12 Page - Winbond |
12 / 50 page ![]() W9412G2IB Publication Release Date: Aug. 30, 2010 - 12 - Revision A06 1) READA ≥ tRAS (min) – (BL/2) x tCK Internal precharge operation begins after BL/2 cycle from Read with Auto-precharge command. 2) tRCD(min) ≤ READA < tRAS(min) – (BL/2) x tCK Data can be read with shortest latency, but the internal Precharge operation does not begin until after tRAS (min) has completed. This command must not be interrupted by any other command. 7.2.8 Mode Register Set Command ( RAS = “L”, CAS = “L”, WE = “L”, BA0 = “L”, BA1 = “L”, A0 to A11 = Register Data) The Mode Register Set command programs the values of CAS Latency, Addressing Mode, Burst Length and DLL reset in the Mode Register. The default values in the Mode Register after power- up are undefined, therefore this command must be issued during the power-up sequence. Also, this command can be issued while all banks are in the idle state. Refer to the table for specific codes. 7.2.9 Extended Mode Register Set Command ( RAS = “L”, CAS = “L”, WE = “L”, BA0 = “H”, BA1 = “L”, A0 to A11 = Register data) The Extended Mode Register Set command can be implemented as needed for function extensions to the standard (SDR-SDRAM). Currently the only available mode in EMRS is DLL enable/disable, decoded by A0. The default value of the extended mode register is not defined; therefore this command must be issued during the power-up sequence for enabling DLL. Refer to the table for specific codes. 7.2.10 No-Operation Command ( RAS = “H”, CAS = “H”, WE = “H”) The No-Operation command simply performs no operation (same command as Device Deselect). 7.2.11 Burst Read Stop Command ( RAS = “H”, CAS = “H”, WE = “L”) The Burst stop command is used to stop the burst operation. This command is only valid during a Burst Read operation. 7.2.12 Device Deselect Command ( CS = “H”) The Device Deselect command disables the command decoder so that the RAS , CAS , WE and Address inputs are ignored. This command is similar to the No-Operation command. 7.2.13 Auto Refresh Command ( RAS = “L”, CAS = “L”, WE = “H”, CKE = “H”, BA0, BA1, A0 to A11 = Don’t Care) AUTO REFRESH is used during normal operation of the DDR SDRAM and is analogous to CAS– BEFORE–RAS (CBR) refresh in previous DRAM types. This command is non-persistent, so it must be issued each time a refresh is required. |
Similar Part No. - W9412G2IB |
|
Similar Description - W9412G2IB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |