![]() |
Electronic Components Datasheet Search |
|
W9412G2IB Datasheet(PDF) 11 Page - Winbond |
|
|
W9412G2IB Datasheet(HTML) 11 Page - Winbond |
11 / 50 page ![]() W9412G2IB Publication Release Date: Aug. 30, 2010 - 11 - Revision A06 7.2 Command Function 7.2.1 Bank Activate Command ( RAS = “L”, CAS = “H”, WE = “H”, BA0, BA1 = Bank, A0 to A11 = Row Address) The Bank Activate command activates the bank designated by the BA (Bank address) signal. Row addresses are latched on A0 to A11 when this command is issued and the cell data is read out of the sense amplifiers. The maximum time that each bank can be held in the active state is specified as tRAS (max). After this command is issued, Read or Write operation can be executed. 7.2.2 Bank Precharge Command ( RAS = “L”, CAS = “H”, WE = “L”, BA0, BA1 = Bank, A8 = “L”, A0 to A7, A9 to A11 = Don’t Care) The Bank Precharge command percharges the bank designated by BA. The precharged bank is switched from the active state to the idle state. 7.2.3 Precharge All Command ( RAS = “L”, CAS = “H”, WE = “L”, BA0, BA1 = Don’t Care, A8 = “H”, A0 to A7, A9 to A11 = Don’t Care) The Precharge All command precharges all banks simultaneously. Then all banks are switched to the idle state. 7.2.4 Write Command ( RAS = “H”, CAS = “L”, WE = “L”, BA0, BA1 = Bank, A8 = “L”, A0 to A7 = Column Address) The write command performs a Write operation to the bank designated by BA. The write data are latched at both edges of DQS. The length of the write data (Burst Length) and column access sequence (Addressing Mode) must be in the Mode Register at power-up prior to the Write operation. 7.2.5 Write with Auto-precharge Command ( RAS = “H”, CAS = “L”, WE = “L”, BA0, BA1 = Bank, A8 = “H”, A0 to A7 = Column Address) The Write with Auto-precharge command performs the Precharge operation automatically after the Write operation. This command must not be interrupted by any other commands. 7.2.6 Read Command ( RAS = “H”, CAS = “L”, WE = “H”, BA0, BA1 = Bank, A8 = “L”, A0 to A7 = Column Address) The Read command performs a Read operation to the bank designated by BA. The read data are synchronized with both edges of DQS. The length of read data (Burst Length), Addressing Mode and CAS Latency (access time from CAS command in a clock cycle) must be programmed in the Mode Register at power-up prior to the Read operation. 7.2.7 Read with Auto-precharge Command ( RAS = “H”, CAS = ”L”, WE = ”H”, BA0, BA1 = Bank, A8 = ”H”, A0 to A7 = Column Address) The Read with Auto-precharge command automatically performs the Precharge operation after the Read operation. |
Similar Part No. - W9412G2IB |
|
Similar Description - W9412G2IB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |