Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB Datasheet(PDF) 5 Page - Winbond

Part # W9412G2IB
Description  1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB Datasheet(HTML) 5 Page - Winbond

  W9412G2IB Datasheet HTML 1Page - Winbond W9412G2IB Datasheet HTML 2Page - Winbond W9412G2IB Datasheet HTML 3Page - Winbond W9412G2IB Datasheet HTML 4Page - Winbond W9412G2IB Datasheet HTML 5Page - Winbond W9412G2IB Datasheet HTML 6Page - Winbond W9412G2IB Datasheet HTML 7Page - Winbond W9412G2IB Datasheet HTML 8Page - Winbond W9412G2IB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 5 -
Revision A06
3. KEY PARAMETERS
SYMBOL
DESCRIPTION
MIN./MAX.
-4
-5/-5I
-6/-6I
Min.
-
7.5 nS
7.5 nS
CL = 2
Max.
-
12 nS
12 nS
Min.
-
6 nS
6 nS
CL = 2.5
Max.
-
12 nS
12 nS
Min.
4 nS
5 nS
6 nS
CL = 3
Max.
12 nS
12 nS
12 nS
Min.
4 nS
-
-
tCK
Clock Cycle Time
CL = 4
Max.
12 nS
-
-
tRAS
Active to Precharge Command Period
Min.
40 nS
40 nS
42 nS
tRC
Active to Ref/Active Command Period
Min.
48 nS
50 nS
54 nS
IDD0
Operating Current:
One Bank Active-Precharge
Max.
160 mA
150 mA
140 mA
IDD1
Operating Current:
One Bank Active-Read-Precharge
Max.
180 mA
170 mA
160 mA
IDD4R
Burst Operation Read Current
Max.
240 mA
220 mA
200 mA
IDD4W
Burst Operation Write Current
Max.
270 mA
250 mA
230 mA
IDD5
Auto Refresh Current
Max.
210 mA
200 mA
190 mA
IDD6
Self-Refresh Current
Max.
3 mA
3 mA
3 mA


Similar Part No. - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
   1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com