Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9412G2IB Datasheet(PDF) 4 Page - Winbond

Part # W9412G2IB
Description  1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9412G2IB Datasheet(HTML) 4 Page - Winbond

  W9412G2IB Datasheet HTML 1Page - Winbond W9412G2IB Datasheet HTML 2Page - Winbond W9412G2IB Datasheet HTML 3Page - Winbond W9412G2IB Datasheet HTML 4Page - Winbond W9412G2IB Datasheet HTML 5Page - Winbond W9412G2IB Datasheet HTML 6Page - Winbond W9412G2IB Datasheet HTML 7Page - Winbond W9412G2IB Datasheet HTML 8Page - Winbond W9412G2IB Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
W9412G2IB
Publication Release Date: Aug. 30, 2010
- 4 -
Revision A06
1. GENERAL DESCRIPTION
W9412G2IB is a CMOS Double Data Rate synchronous dynamic random access memory (DDR
SDRAM); organized as 1,048,576 words
× 4 banks × 32 bits. W9412G2IB delivers a data bandwidth of
up to 500M words per second (-4). To fully comply with the personal computer industrial standard,
W9412G2IB is sorted into following speed grades: -4, -5, -5I, -6 and -6I. The -4 is compliant to the
DDR500/CL3 or CL4 specification. The -5/-5I is compliant to the DDR400/CL3 specification (-5I grade
which is guaranteed to support -40°C ~ 85°C). The -6/-6I is compliant to the DDR333/CL2.5
specification (-6I grade which is guaranteed to support -40°C ~ 85°C).
All Input reference to the positive edge of CLK (except for DQ, DM and CKE). The timing reference
point for the differential clock is when the CLK and CLK signals cross during a transition. Write and
Read data are synchronized with the both edges of DQS (Data Strobe).
By having a programmable Mode Register, the system can change burst length, latency cycle,
interleave or sequential burst to maximize its performance. W9412G2IB is ideal for any high
performance applications.
2. FEATURES
2.5V
±0.2V Power Supply for DDR 333/400
2.5V
±0.1V Power Supply for DDR500
Up to 250 MHz Clock Frequency
Double Data Rate architecture; two data transfers per clock cycle
Differential clock inputs (CLK and CLK )
DQS is edge-aligned with data for Read; center-aligned with data for Write
CAS Latency: 2, 2.5, 3 and 4
Burst Length: 2, 4 and 8
Auto Refresh and Self Refresh
Precharged Power Down and Active Power Down
Write Data Mask
Write Latency = 1
15.6µS Refresh interval (4K/64 mS Refresh)
Maximum burst refresh cycle: 8
Interface: SSTL_2
Packaged in 144L LFBGA, using Lead free materials with RoHS compliant


Similar Part No. - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2IB4 WINBOND-W9412G2IB4 Datasheet
832Kb / 50P
   Double Data Rate architecture; two data transfers per clock cycle
More results

Similar Description - W9412G2IB

ManufacturerPart #DatasheetDescription
logo
Winbond
W9412G2CB WINBOND-W9412G2CB Datasheet
1Mb / 49P
   1M 횞 4 BANKS 횞 32 BITS GDDR SDRAM
W9864G6GH WINBOND-W9864G6GH Datasheet
1Mb / 43P
   1M 횞 4 BANKS 횞 16 BITS SDRAM
W9464G6IH WINBOND-W9464G6IH Datasheet
840Kb / 54P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9464G6IB WINBOND-W9464G6IB Datasheet
2Mb / 51P
   1M 횞 4 BANKS 횞 16 BITS DDR SDRAM
W9812G2GB WINBOND-W9812G2GB Datasheet
1Mb / 42P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IB WINBOND-W9812G2IB Datasheet
661Kb / 43P
   1M 횞 4 BANKS 횞 32BITS SDRAM
W9812G2IH WINBOND-W9812G2IH Datasheet
703Kb / 43P
   1M 횞 4 BANKS 횞 32BIT SDRAM
W9812G6JH WINBOND-W9812G6JH Datasheet
662Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
W9825G6DH WINBOND-W9825G6DH Datasheet
1Mb / 44P
   4M 횞 4 BANKS 횞 16 BITS SDRAM
W9812G6IH WINBOND-W9812G6IH_10 Datasheet
665Kb / 42P
   2M 횞 4 BANKS 횞 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com