Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267440 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL267440
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL267440 Datasheet HTML 1Page - Intersil Corporation ISL267440 Datasheet HTML 2Page - Intersil Corporation ISL267440 Datasheet HTML 3Page - Intersil Corporation ISL267440 Datasheet HTML 4Page - Intersil Corporation ISL267440 Datasheet HTML 5Page - Intersil Corporation ISL267440 Datasheet HTML 6Page - Intersil Corporation ISL267440 Datasheet HTML 7Page - Intersil Corporation ISL267440 Datasheet HTML 8Page - Intersil Corporation ISL267440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL267440, ISL267450A
2
FN7708.0
December 5, 2011
Typical Connection Diagram
Pin Configuration
ISL267440, ISL267450A
(8 LD MSOP)
TOP VIEW
VREF
VIN+
VIN–
GND
VDD
SCLK
SDATA
CS
REFP-P
+
+
+3V/5V
SUPPLY
μP/μC
VREF
SERIAL
INTERFACE
10
μF
0.1
μF
REFP-P
VREF
8
7
6
5
1
2
3
4
VIN+
VIN
GND
VDD
SCLK
SDATA
CS
Pin Descriptions
ISL267440, ISL267450A
DESCRIPTION
PIN NAME PIN NUMBER
VDD
8
Supply voltage, +2.7V to 5.25V.
SCLK
7
Serial clock input. Controls digital I/O timing and clocks the conversion.
SDATA
6
Digital conversion output.
CS
5
Chip select input. Generally controls the start of a conversion though not always the sampling signal.
GND
4
Ground
VIN–
3
Negative analog input.
VIN+
2
Positive analog input.
VREF
1
Reference voltage.


Similar Part No. - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL267440 INTERSIL-ISL267440 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL267440 INTERSIL-ISL267440 Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IHZ-T INTERSIL-ISL267440IHZ-T Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Similar Description - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com