Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267440 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL267440
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL267440 Datasheet HTML 3Page - Intersil Corporation ISL267440 Datasheet HTML 4Page - Intersil Corporation ISL267440 Datasheet HTML 5Page - Intersil Corporation ISL267440 Datasheet HTML 6Page - Intersil Corporation ISL267440 Datasheet HTML 7Page - Intersil Corporation ISL267440 Datasheet HTML 8Page - Intersil Corporation ISL267440 Datasheet HTML 9Page - Intersil Corporation ISL267440 Datasheet HTML 10Page - Intersil Corporation ISL267440 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL267440, ISL267450A
7
FN7708.0
December 5, 2011
Timing Specifications Limits established by characterization and are not production tested. VDD = 3.0V to 3.6V, fSCLK =18MHz,
fS =1MSPS, VREF = 2.0V; VDD = 4.75V to 5.25V, fSCLK =18MHz, fS = 1MSPS, VREF =2.5V; VCM = VREF unless otherwise noted. Boldface limits apply over
the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7)
UNITS
fSCLK
Clock Frequency
0.01
18
MHz
tSCLK
Clock Period
55
ns
tACQ
Acquisition Time
200
ns
tCONV
Conversion Time
888
ns
tCSW
CS Pulse Width
10
ns
tCSS
CS Falling Edge to SCLK Falling Edge Setup Time
10
ns
tCDV
CS Falling Edge to SDATA Valid
20
ns
tCLKDV
SCLK Falling Edge to SDATA Valid
40
ns
tSDH
SCLK Falling Edge to SDATA Hold
10
ns
tSW
SCLK Pulse Width
0.4 x tSCLK
ns
tDISABLE
SCLK Falling Edge to SDATA Disable Time
(Note 9)
Extrapolated back to true bus relinquish
10
35
ns
tQUIET
Quiet Time Before Sample
60
ns
NOTE:
9. During characterization, tDISABLE is measured from the release point with a 10pF load (see Figure 4) and the equivalent timing using the
AD7440/450A loading (25pF) is calculated.
FIGURE 3. SERIAL INTERFACE TIMING DIAGRAM
C YC LE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
CSB
SC LK
DO UT
18M H z = 55.5556ns PER IO D
1
D0
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D0
D0
D0
MSB
BIT10
BIT 9
BIT 8
BIT7
BIT 6
BIT 5
BIT4
BIT3
BIT2
BIT1
T/H TO HO LD M O DE , DOUT VA LID
T/H TO SA M PLE M O D E
DOUT TR ISTA TE
DO UT
D0
D0
D0
D0
MSB
BIT 8
BIT7
BIT 6
BIT 5
BIT4
BIT3
BIT2
BIT1
ISL267440 DATA O U TPUT
ISL267450A DATA O U TPUT
BIT 0
BIT0
FIGURE 4. EQUIVALENT LOAD CIRCUIT
OUTPUT
PIN
CL
10pF
VDD
2.85k
Ω
RL


Similar Part No. - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL267440 INTERSIL-ISL267440 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL267440 INTERSIL-ISL267440 Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IHZ-T INTERSIL-ISL267440IHZ-T Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Similar Description - ISL267440

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com