Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL267440 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL267440
Description  10-Bit and 12-Bit, 1MSPS SAR ADCs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267440 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL267440 Datasheet HTML 1Page - Intersil Corporation ISL267440 Datasheet HTML 2Page - Intersil Corporation ISL267440 Datasheet HTML 3Page - Intersil Corporation ISL267440 Datasheet HTML 4Page - Intersil Corporation ISL267440 Datasheet HTML 5Page - Intersil Corporation ISL267440 Datasheet HTML 6Page - Intersil Corporation ISL267440 Datasheet HTML 7Page - Intersil Corporation ISL267440 Datasheet HTML 8Page - Intersil Corporation ISL267440 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ISL267440, ISL267450A
5
FN7708.0
December 5, 2011
Absolute Maximum Ratings
Thermal Information
Any Pin to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.0V
Analog Input to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Digital I/O to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Digital Input Voltage to GND . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Maximum Current In to Any Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA
ESD Rating
Human Body Model (Tested per JESD22-A114F) . . . . . . . . . . . . . . . . 8kV
Machine Model (Tested per JESD22-A115B) . . . . . . . . . . . . . . . . . 400V
Charged Device Model (Tested per JESD22-C101E). . . . . . . . . . . . 1.5kV
Latch Up (Tested per JESD78C; Class 2, Level A) . . . . . . . . . . . . . . . 100mA
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
8 Ld MSOP Package (Notes 5, 6). . . . . . . . .
165
64
8 Ld SOT-23 Package (Notes 5, 6). . . . . . . .
135
99
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications VDD = +3.0V to +3.6V, fSCLK = 18MHz, fS = 1MSPS, VREF = 2.0V; VDD = +4.75V to +5.25V, fSCLK =18MHz,
fS =1MSPS, VREF = 2.5V; VCM = VREF, unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the operating temperature
range, -40°C to +85°C.
SYMBOL
PARAMETER
TEST CONDITIONS
ISL267440
ISL267450A
UNITS
MIN
(Note 7)
TYP
MAX
(Note 7)
MIN
(Note 7)
TYP
MAX
(Note 7)
DYNAMIC PERFORMANCE
SINAD
Signal-to (Noise + Distortion) Ratio fIN = 100kHz
VDD = +4.75V to +5.25V
61.0
61.6
70.0
71.4
dB
fIN = 100kHz
VDD = +3.0V to +3.6V
60.7
61.5
68.5
70.5
THD
Total Harmonic
Distortion
fIN = 100kHz
VDD = +4.75V to +5.25V
-82
-74
-84
-76
dB
fIN = 100kHz
VDD = +3.0V to +3.6V
-80
-72
-84
-74
dB
SFDR
Spurious Free Dynamic Range
fIN = 100kHz
VDD = +4.75V to +5.25V
-82
-76
-87
-76
dB
fIN = 100kHz
VDD = +3.0V to +3.6V
-82
-74
-85
-74
dB
IMD
Intermodulation Distortion
2nd and 3rd order, fIN =90kHz,
110kHz
-92
-95
dB
tpd
Aperture Delay
1
1
ns
Δtpd
Aperture Jitter
15
15
ps
β3dB
Full Power Bandwidth
@ –3dB
15
15
MHz
DC ACCURACY
NResolution
10
12
Bits
INL
Integral Nonlinearity
-0.5
±0.1
0.5
-1
±0.4
1
LSB
DNL
Differential Nonlinearity
Guaranteed no missed codes to
12 bits (ISL267450A) or 10 bits
(ISL267440)
-0.5
±0.1
0.5
-0.95
±0.3
0.95
LSB
OFFSET Zero-Code Error
Zero Volt Differential Input
-2.5
±0.2
2.5
-6
±0.2
6
LSB
GAIN
Positive Gain Error
± REF input range
-1
±0.1
1-2
±0.1
2
LSB
Negative Gain Error
-1
±0.1
1-2
±0.1
2
ANALOG INPUT (Note 8)
|AIN|
Full-Scale Input Span
2 x VREF
VIN+ - VIN–
VIN+ - VIN–
V


Similar Part No. - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440 INTERSIL-ISL267440 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL267440 INTERSIL-ISL267440 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL267440 INTERSIL-ISL267440 Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL267440IHZ-T INTERSIL-ISL267440IHZ-T Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
More results

Similar Description - ISL267440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Analog Devices
AD7475ARZ AD-AD7475ARZ Datasheet
453Kb / 24P
1MSPS,12-Bit ADCs
REV. B
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com