Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC876 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BC876
Description  PNP Silicon Darlington Transistors (High current gain High collector current)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BC876 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BC876 Datasheet HTML 1Page - Siemens Semiconductor Group BC876 Datasheet HTML 2Page - Siemens Semiconductor Group BC876 Datasheet HTML 3Page - Siemens Semiconductor Group BC876 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon Darlington Transistors
BC 876
… BC 880
5.91
Maximum Ratings
Type
Ordering Code
Marking
Package1)
Pin Configuration
BC 876
BC 878
BC 880
C62702-C943
C62702-C942
C62702-C941
TO-92
E
C
B
1
2
3
1)
For detailed information see chapter Package Outlines.
2)
If transistors with max. 4 mm lead length are fixed on PCBs with a min. 10 mm
× 10 mm large copper area for
the collector terminal, RthJA = 125 K/W and thus Ptot max = 1 W at TA = 25 ˚C.
3)
Mounted on Al heat sink 15 mm
× 25 mm × 0.5 mm.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Peak collector current
ICM
Collector current
IC
A
Junction temperature
Tj
˚C
Total power dissipation, TC = 90 ˚C2)
Ptot
W
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
156
K/W
1
2
0.8 (1)
150
– 65 … + 150
Emitter-base voltage
VEB0
Base current
IB
mA
100
45
60
60
80
BC 876
BC 878
Peak base current
IBM
200
80
100
BC 880
5
Junction - case3)
Rth JC
75
q
High current gain
q
High collector current
q
Low collector-emitter saturation voltage
q
Complementary types: BC 875, BC 877,
BC 879 (NPN)


Similar Part No. - BC876

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC875 PHILIPS-BC875 Datasheet
44Kb / 8P
   NPN Darlington transistors
1999 May 28
logo
Siemens Semiconductor G...
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
logo
NXP Semiconductors
BC875 NXP-BC875 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
BC875 NXP-BC875_04 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
logo
Siemens Semiconductor G...
BC877 SIEMENS-BC877 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
More results

Similar Description - BC876

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
   PNP Silicon Darlington Transistor (High current gain High collector current)
BC617 SIEMENS-BC617 Datasheet
142Kb / 5P
   NPN Silicon Darlington Transistors (High current gain High collector current)
BC636 SIEMENS-BC636 Datasheet
126Kb / 5P
   PNP Silicon AF Transistors (High current gain High collector current)
BCP28 SIEMENS-BCP28 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BC517 SIEMENS-BC517 Datasheet
138Kb / 4P
   NPN Silicon Darlington Transistor (High current gain High collector current)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC635 SIEMENS-BC635 Datasheet
126Kb / 5P
   NPN Silicon AF Transistors (High current gain High collector current)
BCP29 SIEMENS-BCP29 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistors (For general AF applications High collector current High current gain)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
   PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com