Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN224RPH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LN224RPH
Description  Light Emitting Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN224RPH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LN224RPH Datasheet HTML 1Page - Panasonic Semiconductor LN224RPH Datasheet HTML 2Page - Panasonic Semiconductor LN224RPH Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHD00474BEK
This product complies with the RoHS Directive (EU 2002/95/EC).
LN224RPH
2
Package (Unit: mm)
LLXFTN2SF240
1.0 ± 0.20
1.1 ± 0.20
2.54
0.6
0.8
3.6 ± 0.2
5.2 ± 0.2
5.0 ± 0.2
0.6 ± 0.1
3.0 ± 0.2
2 − 0.8 Max
2 − 0.6 ± 0.1
1 2
Pin name
1: Anode
2: Cathode


Similar Part No. - LN224RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
   5.0 mm X 1.0 mm Series
More results

Similar Description - LN224RPH

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
   LIGHT EMITTING DIODES
logo
Panasonic Semiconductor
LNG901CFB PANASONIC-LNG901CFB Datasheet
383Kb / 3P
   Light Emitting Diodes
logo
Siemens Semiconductor G...
LRS250 SIEMENS-LRS250 Datasheet
102Kb / 4P
   LIGHT EMITTING DIODES
logo
Roithner LaserTechnik G...
LED38-PR ROITHNER-LED38-PR Datasheet
102Kb / 1P
   LIGHT EMITTING DIODES
LED38-TEC ROITHNER-LED38-TEC Datasheet
102Kb / 1P
   LIGHT EMITTING DIODES
LED31 ROITHNER-LED31 Datasheet
104Kb / 1P
   LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
   LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
   LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
   LIGHT EMITTING DIODES
LED46-TEC-PR ROITHNER-LED46-TEC-PR Datasheet
105Kb / 1P
   LIGHT EMITTING DIODES
LED20 ROITHNER-LED20 Datasheet
98Kb / 1P
   LIGHT EMITTING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com