Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LN224RPH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN224RPH
Description  Light Emitting Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN224RPH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN224RPH Datasheet HTML 1Page - Panasonic Semiconductor LN224RPH Datasheet HTML 2Page - Panasonic Semiconductor LN224RPH Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD00474BEK
This product complies with the RoHS Directive (EU 2002/95/EC).
Publication date: November 2008
1
Light Emitting Diodes
LN224RPH
Square Type
5.0 mm × 1.0 mm
Absolute Maximum Ratings Ta = 25°C
Parameter
Symbol
Rating
Unit
Power dissipation
PD
70
mW
Forward current
IF
25
mA
Pulse forward current *
IFP
150
mA
Reverse voltage
VR
4
V
Operating ambient temperature
Topr
–25 to +85
°
C
Storage temperature
Tstg
–30 to +100
°
C
Note) *: The condition of IFP is duty 10%, Pulse width 1 msec.
Electro-Optical Characteristics Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Luminous intensity
IO
0.3
0.6
mcd
Reverse current
IR
VR = 4 V
5
µA
Forward voltage
VF
IF = 20 mA
2.2
2.8
V
Peak emission wavelength
λP
IF = 20 mA
700
nm
Spectral half band width
Δλ
IF = 20 mA
100
nm
Directive characteristics
IO  IF
IF  VF
IF  Ta
Relative luminous intensity (%)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Forward voltage VF (V)
Forward current IF (mA)
Relative luminous intensity  Ta
Relative luminous intensity  λP
Peak emission wavelength λP (nm)
500
1000
300
30
50
100
10
0
20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50 100
30
100
50
30
5
3
10
1
10
5
3
0.5
0.3
1
0.1
20°
30°
40°
50°
10°
60°
70°
80°
90°
90°
80°
20°
30°
40°
50°
10°
60°
70°
80°
20°
40°
60°
0
0
20
20
10
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
0
20
40
60
80 100
20
40
60
80
100
Lighting Color
Red


Similar Part No. - LN224RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN224RPH PANASONIC-LN224RPH Datasheet
31Kb / 1P
5.0 mm X 1.0 mm Series
More results

Similar Description - LN224RPH

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LRS250 SIEMENS-LRS250 Datasheet
102Kb / 4P
LIGHT EMITTING DIODES
logo
Panasonic Semiconductor
LNG901CFB PANASONIC-LNG901CFB Datasheet
383Kb / 3P
Light Emitting Diodes
logo
Roithner LaserTechnik G...
LED38-PR ROITHNER-LED38-PR Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED38-TEC ROITHNER-LED38-TEC Datasheet
102Kb / 1P
LIGHT EMITTING DIODES
LED46-PR ROITHNER-LED46-PR Datasheet
108Kb / 1P
LIGHT EMITTING DIODES
LED46-TEC-PR ROITHNER-LED46-TEC-PR Datasheet
105Kb / 1P
LIGHT EMITTING DIODES
LED18-TEC-PR ROITHNER-LED18-TEC-PR Datasheet
112Kb / 1P
LIGHT EMITTING DIODES
LED20 ROITHNER-LED20 Datasheet
98Kb / 1P
LIGHT EMITTING DIODES
LED31 ROITHNER-LED31 Datasheet
104Kb / 1P
LIGHT EMITTING DIODES
LED43-PR ROITHNER-LED43-PR Datasheet
78Kb / 1P
LIGHT EMITTING DIODES
LED46 ROITHNER-LED46 Datasheet
103Kb / 1P
LIGHT EMITTING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com