Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP12502 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP12502
Description  500 mA - Fixed Output Boost Converter for Single or Dual Cell
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12502 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP12502 Datasheet HTML 1Page - Vishay Siliconix SIP12502 Datasheet HTML 2Page - Vishay Siliconix SIP12502 Datasheet HTML 3Page - Vishay Siliconix SIP12502 Datasheet HTML 4Page - Vishay Siliconix SIP12502 Datasheet HTML 5Page - Vishay Siliconix SIP12502 Datasheet HTML 6Page - Vishay Siliconix SIP12502 Datasheet HTML 7Page - Vishay Siliconix SIP12502 Datasheet HTML 8Page - Vishay Siliconix SIP12502 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 73578
S09-1456-Rev. B, 03-Aug-09
www.vishay.com
5
Vishay Siliconix
SiP12502
FUNCTIONAL BLOCK DIAGRAM
DETAILED OPERATION
SiP12502 is a 300 kHz boost converter IC, packaged in 6-pin
MLP33 PowerPAKTM package. With start-up from input
voltages as low as 0.65 V, this device features fixed
frequency voltage mode PWM control with internal frequency
compensation. With its low rDS(on) internal power MOSFET,
this device maintains high efficiency over a wide range of
load currents. Under light load conditions, it switches to PFM
mode to maintain high efficiency. A power good signal is
available to monitor the output voltage.
Low Voltage Start-Up
SiP12502 is designed to start-up at input voltage of typically
0.65 V. At start-up, VOUT is lower than VIN due to the voltage
drop of the Schottky diode. Therefore, the device uses VIN as
the power source for its control logic and internal gate drive,
until VOUT exceeds VIN. During the start-up interval, the
boost switch’s conduction interval during each cycle is
determined by the time taken for the inductor current to reach
internal current limit, followed by a fixed off time before the
switch is allowed to turn on again. Once VOUT exceeds VIN,
the device uses VOUT as the IC’s power source. When VOUT
exceeds 1.89 V, the device engages its built-in soft-start
circuitry.
Soft-Start
During soft-start, the loop compensation guarantees the slow
increase of output voltage, so that no large voltage overshoot
or inrush current transients occur when the soft-start period
ends.
PWM operation
After the soft-start interval is over, the device works in PWM
operation with a fixed frequency of 300 kHz, with automatic
switch-over to PFM operation during light load conditions.
PFM Operation
When operating into light loads, the SiP12502 automatically
switches to PFM operation. This reduces gate charge losses
in the boost switch, hence raising converter efficiency.
Over Voltage Protection
If the output voltage is above 10 % of the regulation voltage,
the device will turn off the internal power MOSFET and wait
until the output voltage falls below the regulation voltage,
then the PWM operation is enabled again.
Thermal Shutdown Protection
If the internal device temperature rises above 160 °C, the
device will turn off the internal power MOSFET. Once the die
temperature falls below 140 °C, the device performs a new
soft-start cycle, the converter resumes normal operation.
Antiringing Control
The antiringing control circuitry prevents high frequency
ringing at the LX pin as the inductor current goes to zero by
damping the resonant circuit formed by L and CLX
(capacitance on LX pin). When the IC is shutdown, this
antiringing switch is also turned on.


Similar Part No. - SIP12502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
SIP12501DMP-T1-E3 VISHAY-SIP12501DMP-T1-E3 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503DMP-T1-E3 VISHAY-SIP12503DMP-T1-E3 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12506 VISHAY-SIP12506 Datasheet
202Kb / 11P
   1-MHz Boost Converter with OVP for White LED Applications
Rev. D, 26-Mar-07
More results

Similar Description - SIP12502

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
   Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
Rev. B, 03-Aug-09
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
285Kb / 19P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
TPS6734IDR TI-TPS6734IDR Datasheet
453Kb / 22P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com