Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT18- Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BAT18-
Description  Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAT18- Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BAT18- Datasheet HTML 1Page - Siemens Semiconductor Group BAT18- Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BAT 18...
Electrical Characteristics per Diode
at TA = 25 ˚C, unless otherwise specified.
Parameter
Symbol
min.
typ.
Unit
Values
max.
Forward voltage
IF = 100 mA
VF
V
0.38
1.2
Reverse current
VR = 20 V
VR = 20 V, TA = 60 ˚C
IR
nA
20
200
Diode capacitance
VR = 20 V, f = 1 MHz
CT
pF
0.75
1
Forward resistance
IF = 5 mA, f = 100 MHz
rf
0.4
0.7
Series inductance
LS
nH
–2–
Diode capacitance CT = f (VR)
f = 1 MHz
Forward resistance rf = f (IF)
f = 100 MHz


Similar Part No. - BAT18-

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04 Datasheet
432Kb / 3P
Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18-04 KEXIN-BAT18-04 Datasheet
35Kb / 1P
Silicon RF Switching Diode
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04 Datasheet
60Kb / 5P
Silicon RF Switching Diode
2007-03-29
BAT18-04 INFINEON-BAT18-04 Datasheet
815Kb / 5P
Silicon RF Switching Diode
2011-06-14
BAT18-04 INFINEON-BAT18-04_11 Datasheet
815Kb / 5P
Silicon RF Switching Diode
2011-06-14
More results

Similar Description - BAT18-

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE555 NTE-NTE555 Datasheet
20Kb / 2P
Silicon Pin Diode UHF/VHF Detector
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
BAR63-02W SIEMENS-BAR63-02W Datasheet
24Kb / 4P
Silicon PIN Diode (PIN diode for high speed switching of RF signals, Low forward resistance, small capacitance small inductance)
BAR63-03W SIEMENS-BAR63-03W Datasheet
52Kb / 4P
Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63-W SIEMENS-BAR63-W Datasheet
46Kb / 4P
Silicon PIN Diode (PIN diode for high speed switching of RF signal Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR63 SIEMENS-BAR63 Datasheet
80Kb / 4P
Silicon PIN Diode (PIN diode for high speed switching of RF signals Low forward resistance Very low capacitance For frequencies up to 3 GHz)
BAR65-02W SIEMENS-BAR65-02W Datasheet
14Kb / 3P
Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-03W SIEMENS-BAR65-03W Datasheet
19Kb / 3P
Preliminary data Silicon RF Switching Diode (Low loss, low capacitance PIN-diode Band switch for TV-tuners)
BAR65-07 SIEMENS-BAR65-07 Datasheet
22Kb / 3P
Silicon RF Switching Diode Preliminary data (Low loss, low capacitance PIN-Diode Band switch for TV-tuners)
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701_06 Datasheet
240Kb / 7P
Low Resistance, Low Distortion, RF Switching PIN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com