Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA60EA120P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HFA60EA120P
Description  HEXFRED Ultrafast Soft Recovery Diode, 60 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HFA60EA120P Datasheet(HTML) 1 Page - Vishay Siliconix

  HFA60EA120P_10 Datasheet HTML 1Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 2Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 3Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 4Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 5Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 6Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 7Page - Vishay Siliconix HFA60EA120P_10 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94610
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 06-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
HEXFRED®
Ultrafast Soft Recovery Diode, 60 A
HFA60EA120P
Vishay Semiconductors
FEATURES
• Fast recovery time characteristic
• Electrically isolated base plate
• Antiparallel diodes
• Large creepage distance between terminal
• Simplified mechanical designs, rapid assembly
• UL approved file E78996
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level
DESCRIPTION/APPLICATIONS
This SOT-227 modules with HEXFRED® rectifier are in
antiparallel configuration. The antiparallel configuration is
used for simple series rectifier and high voltage application.
The semiconductor in the SOT-227 package is isolated from
the copper base plate, allowing for common heatsinks and
compact assemblies to be built.
These modules are intended for general applications such
as HV power supplies, electronic welders, motor control and
inverters.
PRODUCT SUMMARY
VR
1200 V
VF (typical)
2.2 V
trr (typical)
145 ns
IF(DC) at TC
30 A at 120 °C
SOT-227
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
1200
V
Continuous forward current
IF
TC = 120 °C
30
A
Single pulse forward current
IFSM
TJ = 25 °C
350
Maximum repetitive forward current
IFRM
Rated VR, square wave, 20 kHz, TC = 60 °C
130
Maximum power dissipation
PD
TC = 25 °C
312
W
TC = 100 °C
125
RMS isolation voltage
VISOL
Any terminal to case, t = 1 minute
2500
V
Operating junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Cathode to anode
breakdown voltage
VBR
IR = 100 μA
1200
-
-
V
Forward voltage
VFM
IF = 30 A
-
2.2
3.0
IF = 60 A
-
2.7
3.8
IF = 60 A, TJ = 150 °C
-
2.1
-
Reverse leakage current
IRM
VR = VR rated
-
2.0
75
μA
TJ = 150 °C, VR = VR rated
-
2.7
10
mA


Similar Part No. - HFA60EA120P_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
More results

Similar Description - HFA60EA120P_10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HFA60FA120P VISHAY-HFA60FA120P_10 Datasheet
128Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-10
VS-HFA120FA60P VISHAY-VS-HFA120FA60P Datasheet
879Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 22-Jul-13
HFA60EA120P VISHAY-HFA60EA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 17-Oct-08
HFA120FA60P VISHAY-HFA120FA60P Datasheet
164Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 04-Aug-08
HFA60FA120P VISHAY-HFA60FA120P Datasheet
114Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 60 A
Revision: 16-Oct-08
VS-HFA30PB120PBF VISHAY-VS-HFA30PB120PBF Datasheet
168Kb / 7P
   HEXFRED Ultrafast Soft Recovery Diode, 30 A
Revision: 14-May-13
logo
International Rectifier
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
HFA120FA120P VISHAY-HFA120FA120P_10 Datasheet
129Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 120 A
Revision: 22-Jul-10
HFA04TB60SPBF VISHAY-HFA04TB60SPBF_10 Datasheet
162Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 4 A
Revision: 19-Feb-10
HFA08TB120SPBF VISHAY-HFA08TB120SPBF_10 Datasheet
152Kb / 8P
   HEXFRED Ultrafast Soft Recovery Diode, 8 A
Revision: 22-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com