Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-07 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAR64-07
Description  Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR64-07 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAR64-07 Datasheet HTML 1Page - Siemens Semiconductor Group BAR64-07 Datasheet HTML 2Page - Siemens Semiconductor Group BAR64-07 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAR 64-07
Semiconductor Group
1
Edition A01, 22.07.94
Type
Marking
Ordering Code
(tape and reel)
Pin Configuration
1
2
3
4
Package 1)
BAR64-07
PTs
Q62702-A1044
C1
C2
A2
A1
SOT-143
Maximum Ratings per Diode
Parameter
Symbol
BAR 64-07
Unit
Reverse voltage
VR
200
V
Forward current
IF
100
mA
Total Power dissipation TS ≤ 25°C
Ptot
250
mW
Junction temperature
Tj
150
°C
Operating temperature range
Top
-55 +150°C
°C
Storage temperature range
Tstg
-55...+150°C
°C
Thermal Resistance
Junction-ambient
1)
Rth JA
≤ 450
K/W
_________________________
1)Package mounted on alumina 15mm x 16.7mm x 0.7mm
Silicon PIN Diode
l High voltage current controlled
RF resistor for RF attenuator and swirches
l Freqency range above 1 MHz
l Low resistance and short carrier lifetime
l For frequencies up to 3 GHz


Similar Part No. - BAR64-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAR64-07 INFINEON-BAR64-07 Datasheet
494Kb / 9P
   Silicon PIN Diode
Feb-14-2003
BAR64-07 INFINEON-BAR64-07 Datasheet
269Kb / 16P
   Silicon PIN Diode
2007-12-11
BAR64-07 INFINEON-BAR64-07 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
More results

Similar Description - BAR64-07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-02W SIEMENS-BAR64-02W Datasheet
25Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
   Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
   High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
   RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
logo
Siemens Semiconductor G...
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
   HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com