Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAR64-02W Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BAR64-02W
Description  Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BAR64-02W Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BAR64-02W Datasheet HTML 1Page - Siemens Semiconductor Group BAR64-02W Datasheet HTML 2Page - Siemens Semiconductor Group BAR64-02W Datasheet HTML 3Page - Siemens Semiconductor Group BAR64-02W Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAR 64-02W
Semiconductor Group
Sep-07-1998
1
Silicon PIN Diode
• High voltage current controlled
RF resistor for RF attenuator and switches
• Frequency range above 1 MHz
• Low resistance and short carrier lifetime
• Very low inductance
• For frequencies up to 3 GHz
• Extremely small plastic SMD package
1
VES05991
2
Type
Marking Ordering Code
Pin Configuration
Package
BAR 64-02W
M
Q62702-A1215
1 = C
2 = A
SCD-80
Maximum Ratings
Parameter
Symbol
Unit
Value
Diode reverse voltage
VR
V
200
100
Forward current
mA
IF
Total power dissipation,
TS ≤ 125°C
Ptot
mW
250
Junction temperature
Tj
°C
150
Operating temperature range
Top
- 55 ...+150
°C
Storage temperature
Tstg
- 55 ...+150
Thermal Resistance
Junction - ambient
1)
RthJA
≤ 220
K/W
Junction - soldering point
RthJS
≤ 140
1) Package mounted on alumina 15mm x 16.7mm x 0.7mm
Semiconductor Group
1
1998-11-01


Similar Part No. - BAR64-02W

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAR64-02W KEXIN-BAR64-02W Datasheet
35Kb / 1P
Silicon PIN Diode
More results

Similar Description - BAR64-02W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64-W SIEMENS-BAR64-W Datasheet
48Kb / 4P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
BAR64-07 SIEMENS-BAR64-07 Datasheet
43Kb / 3P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-06WH6327 INFINEON-BAR64-06WH6327 Datasheet
1,011Kb / 16P
High voltage current controlled RF resistor for RF attenuator and switches
2011-07-18
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
BXY43 SIEMENS-BXY43 Datasheet
132Kb / 8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44 SIEMENS-BXY44 Datasheet
135Kb / 8P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY43P SIEMENS-BXY43P Datasheet
101Kb / 4P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
BXY44P SIEMENS-BXY44P Datasheet
101Kb / 4P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor Current controlled RF resistor for RF attenuators and switches)
logo
Infineon Technologies A...
BAR1 INFINEON-BAR1 Datasheet
848Kb / 7P
RF switch, RF attenuator for frequencies above 10 MHz
2007-04-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com