Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH4014 Datasheet HTML 1Page - Sanyo Semicon Device MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MCH4014
No. A1921-1/10
Features
Low-noise use
: NF=1.2dB typ (f=1GHz)
High cut-off frequency : fT=10GHz typ (VCE=5V)
High gain
: |S21e|
2=18dB typ (f=1GHz)
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to- Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
12
V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Collector Dissipation
PC
350
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7020A-002
Ordering number : ENA1921
20211AB TKIM TC-00002538
SANYO Semiconductors
DATA SHEET
MCH4014 NPNEpitaxialPlanarSiliconTransistor
High-Frequency Low-Noise Amplifier
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: MCPH4
• JEITA, JEDEC
: SC-82AB, SOT-343, SC-82
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
TL
3
2, 4
1
1 : Collector
2 : Emitter
3 : Base
4 : Emitter
SANYO : MCPH4
2.0
0.3
0.65
0.15
0 t o 0.02
43
12
43
12
GM


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com