Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device MCH4014 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MCH4014
No. A1921-6/10
S Parameters (Common emitter)
VCE=5V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.786
-15.9
15.297
164.4
0.004
84.8
0.985
-6.9
200
0.783
-25.0
14.577
151.8
0.011
89.1
0.977
-14.4
300
0.724
-45.0
14.127
141.8
0.016
86.4
0.947
-21.2
400
0.718
-53.7
13.473
134.2
0.022
81.6
0.914
-27.9
500
0.658
-77.4
12.720
122.1
0.027
75.2
0.857
-35.2
600
0.645
-87.3
11.734
115.6
0.031
72.3
0.814
-39.6
700
0.611
257.7
10.764
107.2
0.035
69.8
0.771
-44.5
800
0.588
248.7
9.679
101.5
0.038
68.0
0.730
-48.4
900
0.567
239.6
8.908
96.2
0.041
66.7
0.698
-51.7
1000
0.546
232.6
8.103
91.9
0.043
66.2
0.666
-54.5
1200
0.515
220.7
6.875
84.5
0.048
65.7
0.625
-59.1
1400
0.495
211.6
5.944
78.8
0.053
66.2
0.602
-62.3
1600
0.478
204.0
5.233
73.8
0.058
67.3
0.591
-64.9
1800
0.463
197.1
4.667
69.3
0.063
68.2
0.583
-67.0
2000
0.452
190.6
4.211
65.0
0.069
69.3
0.579
-69.2
2200
0.440
184.1
3.845
61.0
0.075
70.1
0.585
-71.2
2400
0.433
178.3
3.538
56.9
0.082
70.5
0.592
-74.0
2600
0.425
172.3
3.263
53.3
0.088
71.0
0.592
-75.9
2800
0.421
167.0
3.059
49.8
0.096
71.3
0.604
-77.2
3000
0.423
161.8
2.878
45.5
0.104
70.6
0.625
-80.2
VCE=5V, IC=15mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.690
-23.0
18.633
161.1
0.004
89.2
0.977
-7.7
200
0.671
-37.6
17.368
147.1
0.010
85.7
0.954
-15.5
300
0.614
-64.9
16.210
134.0
0.014
82.3
0.912
-22.2
400
0.604
-78.6
14.819
124.8
0.019
78.2
0.868
-28.1
500
0.571
257.3
13.309
112.3
0.023
75.6
0.808
-34.5
600
0.567
246.6
12.148
105.7
0.026
72.8
0.768
-38.2
700
0.555
235.0
10.514
98.8
0.029
71.6
0.730
-42.3
800
0.547
227.1
9.296
93.9
0.032
71.3
0.696
-45.5
900
0.539
220.1
8.434
89.4
0.035
71.4
0.671
-48.4
1000
0.529
214.5
7.590
85.8
0.037
72.0
0.645
-50.8
1200
0.515
205.0
6.371
79.3
0.042
72.4
0.616
-55.1
1400
0.505
197.5
5.483
74.1
0.048
73.6
0.602
-58.2
1600
0.495
191.0
4.816
69.4
0.054
74.7
0.598
-60.9
1800
0.487
184.9
4.285
65.1
0.060
75.7
0.595
-63.4
2000
0.481
179.1
3.860
60.9
0.066
76.5
0.596
-65.8
2200
0.473
173.3
3.516
57.0
0.074
76.8
0.605
-68.1
2400
0.470
168.1
3.234
53.0
0.081
76.9
0.615
-71.2
2600
0.465
162.7
2.975
49.3
0.088
77.1
0.617
-73.5
2800
0.463
157.8
2.784
45.9
0.097
77.0
0.631
-75.0
3000
0.466
153.2
2.616
41.6
0.106
75.9
0.654
-78.3


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com