Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  MCH4014 Datasheet HTML 1Page - Sanyo Semicon Device MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MCH4014
No. A1921-5/10
S Parameters (Common emitter)
VCE=3V, IC=20mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.549
-44.6
18.205
153.5
0.008
79.1
0.907
-10.1
200
0.527
-76.1
15.342
135.9
0.011
62.5
0.842
-16.7
300
0.543
248.7
12.862
118.8
0.014
63.2
0.790
-21.1
400
0.558
231.8
10.435
108.2
0.016
62.9
0.755
-24.4
500
0.584
215.9
8.577
98.2
0.018
63.7
0.716
-28.7
600
0.593
208.7
7.275
92.7
0.021
66.6
0.696
-31.1
700
0.603
201.7
6.174
87.3
0.023
68.5
0.681
-34.3
800
0.606
196.9
5.422
83.4
0.025
71.2
0.665
-37.2
900
0.610
192.5
4.769
79.5
0.028
73.0
0.657
-39.8
1000
0.608
189.0
4.284
76.3
0.030
74.7
0.646
-42.4
1200
0.608
182.6
3.525
70.3
0.036
78.4
0.639
-47.3
1400
0.607
177.4
3.011
65.2
0.042
80.9
0.641
-51.4
1600
0.605
172.4
2.624
60.2
0.049
82.5
0.648
-55.2
1800
0.603
167.7
2.328
55.7
0.056
83.9
0.654
-58.8
2000
0.602
162.9
2.091
51.3
0.064
84.4
0.661
-62.2
2200
0.600
157.9
1.897
47.1
0.073
84.7
0.673
-65.5
2400
0.599
153.5
1.732
42.8
0.081
84.6
0.686
-69.5
2600
0.598
148.7
1.584
38.9
0.090
84.2
0.690
-72.6
2800
0.598
144.3
1.474
35.2
0.100
83.6
0.706
-75.0
3000
0.600
140.3
1.377
30.8
0.111
82.0
0.731
-79.0
VCE=5V, IC=5mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.890
-10.5
9.159
168.3
0.006
97.5
0.994
-5.7
200
0.895
-16.1
8.952
157.5
0.012
91.7
0.995
-11.9
300
0.857
-28.6
8.775
150.8
0.019
88.8
0.982
-17.9
400
0.858
-34.1
8.515
144.6
0.026
85.2
0.969
-24.1
500
0.807
-50.6
8.382
135.3
0.033
79.0
0.931
-31.5
600
0.794
-58.8
7.984
129.2
0.040
74.2
0.900
-36.3
700
0.762
-70.5
7.684
122.0
0.045
69.6
0.862
-42.0
800
0.724
-80.4
7.385
115.1
0.050
65.6
0.823
-46.6
900
0.700
-87.9
6.977
109.9
0.053
62.3
0.790
-50.8
1000
0.656
262.1
6.691
103.6
0.056
60.2
0.752
-54.1
1200
0.597
247.3
6.001
94.2
0.060
57.0
0.701
-59.8
1400
0.557
236.3
5.323
87.2
0.064
55.5
0.668
-63.8
1600
0.525
227.3
4.769
81.3
0.066
55.5
0.647
-66.9
1800
0.498
219.4
4.288
76.0
0.070
56.0
0.631
-69.8
2000
0.476
212.2
3.897
71.1
0.073
56.9
0.621
-71.8
2200
0.454
204.8
3.588
66.6
0.077
58.2
0.620
-73.8
2400
0.440
198.1
3.319
62.0
0.082
59.1
0.622
-76.6
2600
0.425
191.2
3.081
58.0
0.086
60.5
0.618
-78.6
2800
0.415
184.9
2.906
54.1
0.092
61.7
0.626
-79.8
3000
0.413
178.7
2.743
49.5
0.098
61.8
0.644
-82.6


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
High Linearity Low Noise Amplifi er
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com