Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  MCH4014 Datasheet HTML 1Page - Sanyo Semicon Device MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCH4014
No. A1921-4/10
S Parameters (Common emitter)
VCE=3V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.772
-17.9
14.674
162.9
0.005
91.6
0.981
-7.6
200
0.757
-28.1
13.995
149.9
0.012
86.4
0.967
-15.4
300
0.696
-49.8
13.409
139.6
0.017
81.6
0.931
-22.4
400
0.687
-59.6
12.760
131.8
0.023
78.0
0.893
-29.2
500
0.638
-84.0
11.990
119.8
0.028
72.9
0.832
-36.5
600
0.628
266.0
10.954
113.3
0.033
69.6
0.789
-40.8
700
0.600
251.6
10.102
105.2
0.036
67.3
0.746
-45.6
800
0.582
243.0
9.048
99.8
0.039
65.5
0.705
-49.4
900
0.564
234.3
8.358
94.6
0.042
64.6
0.675
-52.7
1000
0.546
227.8
7.593
90.5
0.044
63.9
0.644
-55.4
1200
0.520
216.4
6.467
83.3
0.049
63.8
0.606
-60.0
1400
0.503
207.8
5.601
77.7
0.054
64.9
0.585
-63.1
1600
0.487
200.5
4.943
72.7
0.059
66.1
0.575
-65.7
1800
0.474
193.8
4.412
68.3
0.064
67.1
0.568
-67.9
2000
0.464
187.4
3.984
64.0
0.070
68.1
0.566
-70.1
2200
0.453
181.1
3.638
60.0
0.076
68.9
0.572
-72.1
2400
0.447
175.5
3.353
55.9
0.083
69.5
0.580
-75.0
2600
0.439
169.7
3.093
52.2
0.089
69.9
0.581
-77.0
2800
0.436
164.4
2.902
48.7
0.097
70.3
0.592
-78.3
3000
0.438
159.4
2.730
44.4
0.105
69.6
0.614
-81.2
VCE=3V, IC=15mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.658
-27.9
17.323
158.7
0.007
76.6
0.954
-8.8
200
0.626
-45.6
15.793
144.0
0.011
74.7
0.917
-16.8
300
0.580
-77.0
14.532
129.9
0.016
73.2
0.865
-23.0
400
0.574
267.3
12.943
120.3
0.019
71.7
0.817
-28.2
500
0.566
244.1
11.483
108.1
0.023
69.0
0.761
-33.8
600
0.567
234.2
10.197
101.8
0.026
67.5
0.726
-37.0
700
0.565
223.8
8.885
95.3
0.028
68.3
0.695
-40.6
800
0.561
216.8
7.827
90.7
0.031
68.4
0.667
-43.7
900
0.558
210.6
7.057
86.4
0.033
69.1
0.649
-46.3
1000
0.551
205.6
6.338
82.9
0.036
69.8
0.629
-48.7
1200
0.544
197.0
5.285
76.6
0.041
71.6
0.608
-53.1
1400
0.538
190.2
4.539
71.3
0.046
73.4
0.600
-56.4
1600
0.532
184.2
3.977
66.5
0.053
75.1
0.601
-59.5
1800
0.526
178.6
3.536
62.1
0.059
76.2
0.602
-62.3
2000
0.522
173.1
3.182
57.9
0.066
77.2
0.606
-65.1
2200
0.517
167.5
2.894
53.8
0.073
77.8
0.617
-67.7
2400
0.514
162.6
2.657
49.7
0.081
77.9
0.628
-71.1
2600
0.511
157.4
2.439
45.9
0.089
77.9
0.632
-73.7
2800
0.511
152.7
2.277
42.3
0.098
77.8
0.646
-75.5
3000
0.513
148.3
2.136
38.0
0.107
76.6
0.671
-79.0


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com