Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  MCH4014 Datasheet HTML 1Page - Sanyo Semicon Device MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MCH4014
No. A1921-3/10
S Parameters (Common emitter)
VCE=3V, IC=5mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.885
-10.8
9.149
167.9
0.006
98.4
0.991
-5.9
200
0.888
-16.7
8.897
156.7
0.013
91.0
0.991
-12.6
300
0.849
-29.7
8.746
150.1
0.020
87.4
0.976
-18.8
400
0.849
-35.3
8.564
143.8
0.027
82.6
0.960
-25.3
500
0.797
-52.2
8.342
134.4
0.035
76.3
0.919
-32.9
600
0.784
-60.4
7.915
128.4
0.042
72.1
0.887
-37.8
700
0.752
-72.5
7.637
121.1
0.047
67.4
0.846
-43.5
800
0.716
-82.3
7.303
114.4
0.052
63.7
0.806
-48.2
900
0.691
269.9
6.819
109.1
0.055
60.5
0.773
-52.4
1000
0.648
260.1
6.603
102.9
0.058
58.4
0.735
-55.7
1200
0.591
245.3
5.916
93.6
0.062
55.2
0.684
-61.5
1400
0.553
234.4
5.241
86.7
0.065
53.9
0.651
-65.5
1600
0.522
225.3
4.694
80.8
0.069
53.9
0.630
-68.6
1800
0.496
217.5
4.224
75.6
0.072
54.3
0.614
-71.1
2000
0.475
210.3
3.835
70.8
0.075
55.2
0.604
-73.5
2200
0.454
203.0
3.532
66.3
0.080
56.5
0.603
-75.4
2400
0.441
196.3
3.267
61.7
0.084
57.4
0.605
-78.2
2600
0.426
189.5
3.033
57.7
0.088
58.6
0.601
-80.1
2800
0.417
183.2
2.861
53.9
0.094
59.9
0.608
-81.3
3000
0.415
177.1
2.700
49.3
0.100
60.0
0.626
-84.1
Collector Current, IC -- mA
NF -- IC
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
|S21e|2 -- I
C
IT16309
25
20
15
10
5
0
10
3
25
7
100
3
25
7
1.0
IT16307
IT16308
1.0
27
35
10
27
35
100
0
3
1
2
6
8
4
5
7
9
10
Zs=50
Ω
VCE=5V
f=1GHz
0
0
20
40
60
80
100
120
140
160
400
350
250
300
150
50
200
100
VCE=5V
f=1GHz
Zs=Zsopt


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com