Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device MCH4014 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MCH4014
No. A1921-9/10
S Parameters (Common emitter)
VCE=8V, IC=20mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.625
-28.6
21.189
159.5
0.003
96.6
0.972
-7.4
200
0.605
-48.6
19.191
144.3
0.009
84.0
0.944
-14.7
300
0.562
-79.4
17.244
129.0
0.012
81.0
0.901
-20.5
400
0.554
264.2
15.103
118.9
0.015
79.6
0.859
-25.6
500
0.545
243.0
13.058
107.4
0.019
77.5
0.808
-31.1
600
0.547
233.0
11.235
101.1
0.022
76.9
0.774
-34.3
700
0.545
223.3
9.930
95.0
0.024
76.6
0.744
-37.8
800
0.543
216.3
8.732
90.4
0.027
77.2
0.716
-40.9
900
0.542
210.4
7.830
86.2
0.030
77.3
0.697
-43.6
1000
0.536
205.4
7.027
82.8
0.033
78.4
0.676
-46.0
1200
0.530
197.0
5.845
76.7
0.038
79.4
0.653
-50.4
1400
0.524
190.3
5.010
71.6
0.044
80.7
0.645
-53.8
1600
0.518
184.4
4.383
67.0
0.050
81.8
0.644
-56.8
1800
0.512
178.8
3.893
62.6
0.057
82.6
0.644
-59.7
2000
0.509
173.3
3.502
58.5
0.064
83.3
0.647
-62.4
2200
0.503
167.8
3.183
54.6
0.071
83.4
0.657
-65.1
2400
0.501
162.9
2.921
50.5
0.079
83.3
0.668
-68.6
2600
0.498
157.7
2.681
46.8
0.087
83.0
0.670
-71.1
2800
0.497
153.0
2.504
43.3
0.097
82.7
0.685
-73.0
3000
0.501
148.7
2.349
39.0
0.106
81.1
0.710
-76.5


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
Low Noise Amplifi er
logo
Sanyo Semicon Device
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
High-Frequency Low-Noise Amplifi er
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
High-Frequency Low-Noise Amplifi er Applications
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
High Linearity Low Noise Amplifi er
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
Low Noise Amplifi er
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com