Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4014 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # MCH4014
Description  High-Frequency Low-Noise Amplifi er
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4014 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button MCH4014 Datasheet HTML 2Page - Sanyo Semicon Device MCH4014 Datasheet HTML 3Page - Sanyo Semicon Device MCH4014 Datasheet HTML 4Page - Sanyo Semicon Device MCH4014 Datasheet HTML 5Page - Sanyo Semicon Device MCH4014 Datasheet HTML 6Page - Sanyo Semicon Device MCH4014 Datasheet HTML 7Page - Sanyo Semicon Device MCH4014 Datasheet HTML 8Page - Sanyo Semicon Device MCH4014 Datasheet HTML 9Page - Sanyo Semicon Device MCH4014 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MCH4014
No. A1921-8/10
S Parameters (Common emitter)
VCE=8V, IC=10mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.800
-14.8
15.446
165.2
0.004
97.8
0.988
-6.4
200
0.800
-23.6
14.773
152.8
0.010
90.4
0.982
-13.6
300
0.741
-42.8
14.286
142.9
0.015
87.2
0.957
-20.1
400
0.738
-50.8
13.553
135.5
0.021
82.8
0.926
-26.6
500
0.672
-74.3
12.891
123.3
0.026
77.6
0.873
-33.8
600
0.659
-84.2
11.828
116.7
0.030
74.6
0.832
-38.2
700
0.621
260.7
10.924
108.2
0.034
71.9
0.790
-43.0
800
0.595
251.5
9.849
102.4
0.037
69.7
0.749
-46.9
900
0.573
242.3
9.050
97.0
0.040
68.3
0.717
-50.2
1000
0.550
235.2
8.241
92.5
0.042
67.6
0.685
-53.0
1200
0.517
223.0
6.985
85.0
0.047
67.2
0.644
-57.6
1400
0.496
213.7
6.037
79.2
0.051
67.5
0.621
-60.8
1600
0.477
205.9
5.312
74.2
0.056
68.6
0.609
-63.4
1800
0.461
198.9
4.734
69.6
0.062
69.5
0.600
-65.6
2000
0.449
192.3
4.273
65.3
0.067
70.5
0.597
-67.8
2200
0.437
185.8
3.898
61.3
0.074
71.3
0.602
-69.8
2400
0.429
179.9
3.586
57.1
0.080
71.8
0.609
-72.7
2600
0.420
173.8
3.305
53.4
0.086
72.2
0.609
-74.7
2800
0.417
168.4
3.098
49.9
0.094
72.6
0.621
-76.0
3000
0.418
163.1
2.915
45.6
0.102
71.9
0.642
-79.0
VCE=8V, IC=15mA
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.709
-20.9
19.385
162.4
0.006
103.7
0.982
-7.2
200
0.697
-34.3
18.267
148.6
0.009
85.4
0.966
-14.6
300
0.638
-59.6
17.076
135.9
0.014
85.2
0.930
-21.1
400
0.626
-72.1
15.568
126.9
0.018
81.0
0.889
-27.1
500
0.581
263.6
14.172
114.3
0.022
77.5
0.832
-33.7
600
0.574
252.7
12.755
107.5
0.026
75.6
0.790
-37.5
700
0.557
240.4
11.234
100.4
0.029
74.2
0.752
-41.7
800
0.545
232.0
9.951
95.2
0.031
73.4
0.716
-45.1
900
0.535
224.6
9.003
90.7
0.034
73.0
0.690
-47.9
1000
0.523
218.7
8.110
86.9
0.037
72.8
0.663
-50.5
1200
0.506
208.7
6.790
80.4
0.042
73.3
0.631
-54.7
1400
0.495
200.8
5.833
75.1
0.047
74.5
0.614
-57.8
1600
0.484
194.0
5.113
70.4
0.053
75.5
0.609
-60.5
1800
0.474
187.8
4.548
66.0
0.059
76.3
0.605
-62.9
2000
0.467
181.8
4.094
61.9
0.066
76.9
0.605
-65.2
2200
0.459
175.8
3.728
58.0
0.073
77.5
0.613
-67.5
2400
0.455
170.5
3.426
53.9
0.080
77.6
0.622
-70.5
2600
0.449
164.9
3.151
50.3
0.087
77.7
0.624
-72.7
2800
0.447
159.9
2.948
46.9
0.096
77.8
0.638
-74.2
3000
0.450
155.2
2.771
42.6
0.105
76.5
0.661
-77.4


Similar Part No. - MCH4014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4014 ONSEMI-MCH4014 Datasheet
301Kb / 11P
   RF Transistor
June, 2013
More results

Similar Description - MCH4014

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4015 SANYO-MCH4015 Datasheet
83Kb / 9P
   High-Frequency Low-Noise Amplifi er
MCH3007 SANYO-MCH3007 Datasheet
85Kb / 10P
   High-Frequency Low-Noise Amplifi er
2SK932 SANYO-2SK932_12 Datasheet
335Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
2SK3557 SANYO-2SK3557_12 Datasheet
408Kb / 6P
   High-Frequency Low-Noise Amplifi er Applications
logo
Mini-Circuits
ZFL-500HLN MINI-ZFL-500HLN Datasheet
103Kb / 2P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-675T6 AVAGO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com