Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4009 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # MCH4009
Description  UHF to X Band Low-Noise Amplifier and OSC Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH4009 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button MCH4009 Datasheet HTML 2Page - Sanyo Semicon Device MCH4009 Datasheet HTML 3Page - Sanyo Semicon Device MCH4009 Datasheet HTML 4Page - Sanyo Semicon Device MCH4009 Datasheet HTML 5Page - Sanyo Semicon Device MCH4009 Datasheet HTML 6Page - Sanyo Semicon Device MCH4009 Datasheet HTML 7Page - Sanyo Semicon Device MCH4009 Datasheet HTML 8Page - Sanyo Semicon Device MCH4009 Datasheet HTML 9Page - Sanyo Semicon Device MCH4009 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MCH4009
No. A0389-6/13
S Parameters (Common emitter)
VCE=1V, IC=10mA
Freq(MHz)
S11
∠S
11
S21
∠S
21
S12
∠S
12
S22
∠S
22
500
0.665
-68.4
16.105
129.6
0.040
58.4
0.676
-48.9
1000
0.536
-109.6
10.494
105.3
0.056
46.4
0.437
-72.8
1500
0.475
-134.8
7.518
90.9
0.067
42.6
0.310
-87.7
2000
0.448
-150.5
5.820
80.6
0.076
41.3
0.240
-98.9
2500
0.428
-164.9
4.763
72.3
0.085
40.3
0.200
-108.1
3000
0.421
-175.6
4.030
64.4
0.094
39.2
0.167
-114.4
3500
0.419
175.8
3.511
57.3
0.104
37.4
0.141
-119.4
4000
0.418
168.6
3.130
50.5
0.113
35.3
0.120
-122.6
4500
0.416
162.1
2.843
43.9
0.122
32.9
0.098
-126.9
5000
0.409
155.7
2.616
37.1
0.132
30.1
0.082
-130.0
5500
0.398
148.7
2.430
30.6
0.143
26.7
0.074
-132.1
6000
0.387
138.2
2.296
23.2
0.153
22.4
0.061
-154.0
6500
0.385
126.4
2.162
15.8
0.162
17.6
0.066
-174.5
7000
0.399
113.2
2.034
8.0
0.169
12.6
0.078
163.9
7500
0.429
101.2
1.904
0.5
0.174
7.4
0.094
147.2
8000
0.463
91.5
1.774
-6.8
0.178
2.7
0.110
128.3
8500
0.506
85.3
1.661
-13.7
0.181
-2.2
0.128
112.1
9000
0.538
80.6
1.555
-20.5
0.183
-7.1
0.148
95.7
9500
0.566
77.1
1.473
-26.6
0.187
-11.8
0.174
82.1
10000
0.586
72.4
1.395
-33.5
0.188
-17.1
0.211
72.4
10500
0.596
67.5
1.327
-40.3
0.187
-22.4
0.249
66.3
11000
0.611
58.0
1.261
-47.4
0.188
-28.5
0.282
63.3
11500
0.623
48.9
1.199
-54.8
0.188
-34.8
0.312
61.6
12000
0.654
39.3
1.131
-62.7
0.183
-41.8
0.345
59.4
12500
0.691
31.0
1.056
-70.1
0.177
-47.7
0.361
55.5
13000
0.715
25.2
0.978
-77.2
0.172
-52.7
0.375
49.4
13500
0.744
22.0
0.912
-83.5
0.169
-57.4
0.380
41.4
14000
0.756
20.6
0.859
-89.6
0.167
-62.0
0.394
32.0
14500
0.759
19.4
0.808
-95.4
0.168
-67.2
0.410
23.1
15000
0.756
18.1
0.774
-101.1
0.171
-72.6
0.428
16.9


Similar Part No. - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
logo
ON Semiconductor
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
More results

Similar Description - MCH4009

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4009 SANYO-MCH4009_12 Datasheet
476Kb / 15P
   UHF to X Band Low-Noise Amplifier and OSC Applications
MCH4013 SANYO-MCH4013_12 Datasheet
450Kb / 6P
   UHF to X Band Low-Noise Amplifier and OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5645 SANYO-2SC5645 Datasheet
32Kb / 6P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H07BA SANYO-EC3H07BA Datasheet
99Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
   UHF to S Band Low-Noise Amplifier and OSC Applications
EC3H06B SANYO-EC3H06B Datasheet
44Kb / 5P
   UHF to S Band Low-Noise Amplifier and OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com