Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV56831P Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LV56831P
Description  For Car Audio Systems Multi Voltage Regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV56831P Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LV56831P Datasheet HTML 1Page - Sanyo Semicon Device LV56831P Datasheet HTML 2Page - Sanyo Semicon Device LV56831P Datasheet HTML 3Page - Sanyo Semicon Device LV56831P Datasheet HTML 4Page - Sanyo Semicon Device LV56831P Datasheet HTML 5Page - Sanyo Semicon Device LV56831P Datasheet HTML 6Page - Sanyo Semicon Device LV56831P Datasheet HTML 7Page - Sanyo Semicon Device LV56831P Datasheet HTML 8Page - Sanyo Semicon Device LV56831P Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LV56831P
No.A1983-5/7
Pin Function
Pin No.
Pin name
Description
Equivalent Circuit
1
N.C.
-
-
2
AUDIO_EN
AUDIO output CTRL
8
14
VCC
GND
2
3
AUDIO
AUDIO output when AUDIO_EN = High, ON
8.5V/0.4A
8
14
VCC
GND
3
4
N.C.
-
-
5
VDD
VDD output
5.0V, 3.3V/0.3A
8
14
VCC
GND
5
6
IKVDD
VDD output voltage select
OPEN : VDD = 5.0V
GND : VDD = 3.3V
8
14
VCC
GND
6
7
N.C.
-
-
8
VCC
VCC
8
14
VCC
GND
9
9
VCC1
VCC1
Continued on next page.


Similar Part No. - LV56831P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
   Multi Voltage Regulator IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results

Similar Description - LV56831P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
LV5683P SANYO-LV5683P Datasheet
171Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
logo
ON Semiconductor
LV56831P ONSEMI-LV56831P Datasheet
377Kb / 9P
   Multi Voltage Regulator IC for Car Audio Systems
August, 2013
logo
Sanyo Semicon Device
LV5696P SANYO-LV5696P Datasheet
190Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
LV5684PVD SANYO-LV5684PVD Datasheet
208Kb / 12P
   For Car Audio Systems Multi-Power Supply IC
LV5686PVC SANYO-LV5686PVC Datasheet
186Kb / 14P
   For Car Audio Systems Multi-Power Supply IC
logo
ON Semiconductor
LV5684PVD ONSEMI-LV5684PVD Datasheet
256Kb / 12P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV5686PVC ONSEMI-LV5686PVC Datasheet
188Kb / 14P
   Multi-Power Supply IC for Car Audio Systems
August, 2013
LV56841PVD ONSEMI-LV56841PVD Datasheet
331Kb / 15P
   For Car Audio Systems Multi-Power Supply IC
August, 2014
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
   For Car Audio Systems Multi-Power Supply System IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com